Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 8Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 9Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 10Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 11Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 12Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 13Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 14Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 15Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
No physical series resistance on D+, D– pins during
measurement
Figure 6-8. Remote Temperature Error vs
Differential Capacitance
Conversion Rate (Hz)
0.0625
0.2 0.3 0.50.7 1
2
3 4 5 678 10
20 3040
0
50
100
150
200
250
300
350
400
0.125 0.25
16
32
Figure 6-9. Average Current vs Conversion Rate
Clock Frequency (Hz)
1x103
1x104
1x105
1x106
1x107
0
100
200
300
400
500
V+ = 1.7V
V+ = 2.7V
V+ = 3.6V
Figure 6-10. Shutdown Current vs SCL Clock
Frequency
Supply Voltage (V)
1.7
2.2
2.7
3.2
3.6
150
155
160
165
170
175
180
Figure 6-11. Average Current vs Supply Voltage (At
Default Conversion Rate of 16Hz)
Supply Voltage (V)
1.7
2.2
2.7
3.2
3.6
0.5
1
1.5
2
2.5
3
Figure 6-12. Shutdown Current vs Supply Voltage
(serial bus inactive)
Ambient Te mperature (C)
-55
-35
-15
5
25
45
65
85
105
125
0
2
4
6
8
10
12
14
16
18
V+ = 1.7V
V+ = 2.7V
V+ = 3.6V
Figure 6-13. Standby Current vs Temperature
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com