Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 22Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 23Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 24Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 25Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 26Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 27Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 28Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 29Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
8.1 Register Information
The TMP9R01-SEP and TMP9R01-SP devices contain multiple registers for holding configuration information,
temperature measurement results, and status information. These registers are described in Figure 8-1 and Table
8-1.
8.1.1 Pointer Register
Figure 8-1 shows the internal register structure of the TMP9R01-SEP and TMP9R01-SP devices. The 8-bit
pointer register is used to address a given data register. The pointer register identifies which of the data registers
must respond to a read or write command on the two-wire bus. This register is set with every write command. A
write command must be issued to set the proper value in the pointer register before executing a read command.
Table 8-1 describes the pointer register and the internal structure of the registers. The power-on reset (POR)
value of the pointer register is 00h (0000 0000b).
Local and Remote Temperature Registers
I/O
Control
Interface
Pointer Register
Configuration Register
Status Register
Local and Remote Temperature Limit Registers
Conversion Rate Register
Remote Temperature Offset Registers
One-Shot Start Register
Local and Remote THERM Limit Registers
THERM Hysteresis Register
N-factor Correction Register
Consecutive ALERT Register
Digital Filter Register
Manufacturer ID Register
SDA
SCL
Figure 8-1. Internal Register Structure
8.1.2 Local and Remote Temperature Registers
The TMP9R01-SEP and TMP9R01-SP devices has multiple 8-bit registers that hold temperature measurement
results. The eight most significant bits (MSBs) of the local temperature sensor result are stored in register 00h,
and the four least significant bits (LSBs) are stored in register 15h (the four MSBs of register 15h). The eight
MSBs of the remote temperature sensor result are stored in register 01h, and the four LSBs are stored in
register 10h (the four MSBs of register 10h). The four LSBs of both the local and remote sensor indicate the
temperature value after the decimal point (for example, if the temperature result is 10.0625°C, then the high byte
is 0000 1010 and the low byte is 0001 0000). These registers are read-only and are updated by the ADC each
time a temperature measurement is completed.
When the full temperature value is needed, reading the MSB value first causes the LSB value to be locked (the
ADC does not write to the value) until the LSB value is read. The same thing occurs upon reading the LSB
value first (the MSB value is locked until the value is read). This mechanism verifies that both bytes of the read
operation are from the same ADC conversion. This assurance remains valid only until another register is read.
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
26
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com