Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 23Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 24Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 25Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 26Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 27Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 28Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 29Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 30Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
For proper operation, read the high byte of the temperature result first. Read the low byte register in the next
read command; if the LSBs are not needed, the register can be left unread. The power-on reset value of all
temperature registers is 00h.
8.1.3 Status Register
The status register reports the state of the temperature ADC, the temperature limit comparators, and the
connection to the remote sensor. Table 8-2 lists the status register bits. The status register is read-only and is
read by accessing pointer address 02h.
Table 8-2. Status Register Format
STATUS REGISTER (Read = 02h, Write = N/A)
BIT NUMBER
BIT NAME
FUNCTION
7
BUSY
= 1 when the ADC is converting
6
LHIGH(1)
= 1 when the local high temperature limit is tripped
5
LLOW(1)
= 1 when the local low temperature limit is tripped
4
RHIGH(1)
= 1 when the remote high temperature limit is tripped
3
RLOW(1)
= 1 when the remote low temperature limit is tripped
2
OPEN(1)
= 1 when the remote sensor is an open circuit
1
RTHRM
= 1 when the remote THERM limit is tripped
0
LTHRM
= 1 when the local THERM limit is tripped
(1)
These flags stay high until the status register is read or are reset by a POR when pin 10 is configured as ALERT. Only bit 2 (OPEN)
stays high until the status register is read or is reset by a POR when pin 10 is configured as THERM2.
The BUSY bit = 1 if the ADC is making a conversion. This bit is set to 0 if the ADC is not converting.
The LHIGH and LLOW bits indicate a local sensor overtemperature or undertemperature event, respectively.
The RHIGH and RLOW bits indicate a remote sensor overtemperature or undertemperature event, respectively.
The HIGH bit is set when the temperature exceeds the high limit in alert mode and therm mode, and the low
bit is set when the temperature goes below the low limit in alert mode. The OPEN bit indicates an open-circuit
condition on the remote sensor. When pin 10 is configured as the ALERT output, the five flags are NORed
together. If any of the five flags are high, the ALERT interrupt latch is set and the ALERT output goes low.
Reading the status register clears the five flags, provided that the condition that caused the setting of the flags
is not present anymore (that is, the value of the corresponding result register is within the limits, or the remote
sensor is connected properly and functional). The ALERT interrupt latch (and the ALERT pin correspondingly)
is not reset by reading the status register. The reset is done by the controller reading the temperature sensor
device address to service the interrupt, and only if the flags are reset and the condition that caused them to be
set is no longer present.
The RTHRM and LTHRM flags are set when the corresponding temperature exceeds the programmed THERM
limit. These flags are reset automatically when the temperature returns to within the limits. The THERM output
goes low in the case of overtemperature on either the local or remote channel, and goes high as soon as the
measurements are within the limits again. The THERM hysteresis register (21h) allows hysteresis to be added
so that the flag resets and the output goes high when the temperature returns to or goes below the limit value
minus the hysteresis value.
When pin 10 is configured as THERM2, only the high limits matter. The LHIGH and RHIGH flags are set if the
respective temperatures exceed the limit values, and the pin goes low to indicate the event. The LLOW and
RLOW flags have no effect on THERM2, and the output behaves the same way when configured as THERM.
8.1.4 Configuration Register
The configuration register sets the temperature range, the ALERT/ THERM modes, and controls the shutdown
mode. The configuration register is set by writing to pointer address 09h, and is read by reading from pointer
address 03h. Table 8-3 summarizes the bits of the configuration register.
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com