Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 7Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 8Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 9Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 10Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 11Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 12Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 13Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 14Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
6.9 Typical Characteristics
At TA = 25°C and V+ = 3.6V, unless otherwise noted.
Ambient Temperature (C)
-55
-35
-15
5
25
45
65
85
105
125
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TMP9R01 min
TMP9R01 Max
Average + 6
Average - 6
Typical behavior of 20 devices over temperature
Figure 6-2. Local Temperature Error vs Ambient
Temperature
Ambient Temperature (C)
-55
-35
-15
5
25
45
65
85
105
125
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TMP9R01 min
TMP9R01 Max
Average + 6
Average - 6
Typical behavior of 20 devices over temperature
Figure 6-3. Remote Temperature Error vs Ambient
Temperature
RS (k)
0
0.5
1
1.5
2
2.5
3
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
V+ = 1.7V
V+ = 2.7V
V+ = 3.6V
Figure 6-4. Remote Temperature Error vs Series
Resistance (Diode-Connected PNP Transistor,
2N3906)
RS (k)
0
0.5
1
1.5
2
2.5
3
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
V+ = 1.7V
V+ = 2.7V
V+ = 3.6V
Figure 6-5. Remote Temperature Error vs
Series Resistance (GND Collector-Connected PNP
Transistor, 2N3906)
Leakage Resistance (M
)
1
2
3
4 5 6 7 8 10
20
30 40 50 70 100
-60
-40
-20
0
20
D+ to GND
D+ to V+
Figure 6-6. Remote Temperature Error vs Leakage
Resistance
Frequency (Hz)
0x100
5x106
1x107
1.5x107
-25
-20
-15
-10
-5
0
5
10
15
20
25
100mVPP Noise
250mVPP Noise
Figure 6-7. Remote Temperature Error vs Power-
Supply Noise Frequency
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com