Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 28Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 29Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 30Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 31Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 32Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 33Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 34Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 35Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
NPN transistors must be diode-connected. PNP transistors can either be transistor- or diode-connected (see
Figure 7-1). The D+ pin waveform is shown in Figure 9-2 while a transistor is connected between the D+ and
D– pins. Due to three different source currents shown in Figure 7-2, the D+ waveform has 3 levels of voltages
during temperature conversion.
Time (s)
0
0.01
0.02
0.03
0.04
0.05
-0.2
0
0.2
0.4
0.6
0.8
Time (s)
0.02
0.0208
0.0216
0.0224
0.0232
0.024
0.5
0.55
0.6
0.65
0.7
Temperature
Conversion
No
Conversion
No
Conversion
Figure 9-2. D+ Waveform
Errors in remote temperature sensor readings are typically the consequence of the ideality factor and current
excitation used by the device versus the manufacturer-specified operating current for a given transistor. Some
manufacturers specify a high-level and low-level current for the temperature-sensing substrate transistors. The
device uses 7.5μA for ILOW and 120μA for IHIGH.
The ideality factor (η) is a measured characteristic of a remote temperature sensor diode as compared to an
ideal diode. The TMP9R01-SEP and TMP9R01-SP devices allow for different η-factor values; see the η-Factor
Correction Register section.
The ideality factor for the TMP9R01-SEP and TMP9R01-SP devices is trimmed to be 1.008. For transistors that
have an ideality factor that does not match the device, Equation 4 can be used to calculate the temperature
error.
Note
For Equation 4 to be used correctly, the actual temperature (°C) must be converted to Kelvin (K).
TERR= η−1.008
1.008 ×(273.15+T(∘C))
(4)
where
• TERR = error in the TMP9R01-SEP and TMP9R01-SP devices because η ≠ 1.008,
• η = ideality factor of the remote temperature sensor,
• T(°C) = actual temperature, and
In Equation 4, the degree of delta is the same for °C and K.
For η = 1.004 and T(°C) = 100°C:
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com