Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 3 Page - Texas Instruments

  TMP9R01DGS/EM Datasheet HTML 1Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 2Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 3Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 4Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 5Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 6Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 7Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 8Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
4 Device Information
TMP9R01-SP and TMP9R01-SEP Device Information
DEVICE NAME
ORDERABLE NUMBER
GRADE
TMP9R01-SP
5962R1721802PYE
100krad RHA device (upcoming)
TMP9R01DGS/EM
Engineering Samples
TMP9R01-SEP
TMP9R01MDGSTSEP
Radiation Tolerant, Space EP
TMP 9 R 01 - Sxx
Device Name
(TMP9)
Number of Remote Channel
(01: one remote channel)
Radiation Hardened
(SP: Space Product)
(SEP: Space Enhanced Plastic)
Sensor Family
Temperature sensor type
(R: Digital Remote)
Figure 4-1. TMP9R01-SP and TMP9R01-SEP Device Name Nomenclature
Table 4-1. 5962R1721802PYE Order Number Nomenclature
Field Description
Field Detail
Federal supply class
5962
RHA level designator
•
-: Non-RHA device
•
R: 100krad RHA device
Device Number
17218
Device type
02: Radiation hardened, remote and local digital temperature sensor
Device class designator
P: Certification and qualification to MIL-PRF-38535 for PEM performance environments
Package type
Y: 10-pin, very thin shrink small outline package (VSSOP), 1.1mm (max) height
Lead finish
E: Gold flash palladium, specified in MIL-PRF-38535
Table 4-2. TMP9R01DGS/EM Order Number Nomenclature
Field Description
Field Detail
Sensor Family
TMP: Temperature Sensors
Device Name
9
Type of temperature sensor
R: Remote temperature sensor
Number of Channels
01: One remote channel
TI Package Designator
DGS: VSSOP package designator
Device class
EM: Engineering Model (device intended for engineering evaluation only)
Table 4-3. TMP9R01MDGSTSEP Order Number Nomenclature
Field Description
Field Detail
Sensor Family
TMP: Temperature Sensors
Device Name
9
Temperature Sensor Type
R: Remote digital temperature sensor
Number of Remote Channels
01: One remote channel
Operating Temperature Range
M: -55°C to 125°C
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com