Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 14Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 15Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 16Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 17Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 18Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 19Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 20Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 21Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
7.3.2 Decoding Temperature Data
The TMP9R01-SEP and TMP9R01-SP temperature registers use a 12-bit format. The 12 bits are aligned to the
left side, or most significant side, of the 16-bit word. The four unused bits are on the right side, or the least
significant side. For this reason, a shift is needed to discard the extra bits. 2’s complement is employed to
describe negative temperatures. C code can easily convert the 2’s complement data when the data is typecast
into the correct signed data type. Q notation describes the number of bits that represent a fractional result. 4 bits
of fractional data, known as Q4, offers 0.0625°C resolution.
Table 7-3. 12-Bit Q4 Encoding Parameters
Parameter
Value
Bits
12
Q
4
Resolution
0.0625
Range (+)
127.9375
Range (-)
-128
First Byte Integer C
Yes
25˚C
0x1900
Table 7-4. 12-Bit Q4 Bit Values
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Sign
64
32
16
8
4
2
1
0.5
0.25
0.125 0.0625
-
-
-
-
-128
64
32
16
8
4
2
1
1/2
1/4
1/8
1/16
-
-
-
-
-27
26
25
24
23
22
21
20
2-1
2-2
2-3
2-4
-
-
-
-
/* 12-bit format has 4 bits discarded by right shift
q4 is 0.062500 resolution
the following bytes represent 24.5C */
uint8_t byte1 = 0x18;
uint8_t byte2 = 0x80;
float f = (((int8_t) byte1 << 8 | byte2) >> 4) * 0.0625f;
int mC = (((int8_t) byte1 << 8 | byte2) >> 4) * 1000 >> 4;
int C = (int8_t) byte1;
7.3.3 Series Resistance Cancellation
Series resistance cancellation automatically eliminates the temperature error caused by the resistance of the
routing to the remote transistor or by the resistors of the optional external low-pass filter. A total of up to 1kΩ of
series resistance can be cancelled by the TMP9R01-SEP and TMP9R01-SP devices, thus eliminating the need
for additional characterization and temperature offset correction. See Figure 6-4 and Figure 6-5 for details on the
effects of series resistance on sensed remote temperature error.
7.3.4 Differential Input Capacitance
The TMP9R01-SEP and TMP9R01-SP devices tolerate differential input capacitance of up to 1000pF with
minimal change in temperature error. The effect of capacitance on the sensed remote temperature error is
illustrated in Figure 6-8 (Remote Temperature Error vs Differential Capacitance).
7.3.5 Filtering
Remote junction temperature sensors are typically implemented in a noisy environment. Noise is most often
created by fast digital signals that can corrupt measurements. The TMP9R01-SEP and TMP9R01-SP devices
have a built-in, 65kHz filter on the D+ and D– inputs to minimize the effects of noise. However, a bypass
capacitor placed differentially across the inputs of the remote temperature sensor is recommended to make the
application more robust against unwanted coupled signals. For this capacitor, select a value between 100pF
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com