Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 30 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 26Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 27Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 28Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 29Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 30Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 31Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 32Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 33Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
NADJUST= 1.008×2088
ηeff −2088
(3)
The η-factor correction value must be stored in 2's complement format, yielding an effective data range from
–128 to 127. The η-factor correction value is written to and read from pointer address 23h. The register power-on
reset value is 00h, thus having no effect unless a different value is written to the register. The resolution of the
η-factor register is 0.000483.
Table 8-6. η-Factor Range
NADJUST
η
BINARY
HEX
DECIMAL
0111 1111
7F
127
0.950205
0000 1010
0A
10
1.003195
0000 1000
08
8
1.004153
0000 0110
06
6
1.005112
0000 0100
04
4
1.006073
0000 0010
02
2
1.007035
0000 0001
01
1
1.007517
0000 0000
00
0
1.008
1111 1111
FF
–1
1.008483
1111 1110
FE
–2
1.008966
1111 1100
FC
–4
1.009935
1111 1010
FA
–6
1.010905
1111 1000
F8
–8
1.011877
1111 0110
F6
–10
1.012851
1000 0000
80
–128
1.073829
8.1.10 Remote Temperature Offset Register
The offset register allows the TMP9R01-SEP and TMP9R01-SP devices to store any system offset
compensation value that can result from precision calibration. The value in the register is stored in the
same format as the temperature result and is added to the remote temperature result upon every conversion.
Combined with the η-factor correction, this function allows for very accurate system calibration over the entire
temperature range.
8.1.11 Manufacturer Identification Register
The TMP9R01-SEP and TMP9R01-SP devices allow for the two-wire bus controller to query the device for
manufacturer and device IDs to enable software identification of the device at the particular two-wire bus
address. The manufacturer ID is obtained by reading from the pointer address FEh. The device reads 55h for the
manufacturer code.
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
30
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com