Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 17Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 18Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 19Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 20Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 21Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 22Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 23Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 24Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
7.5.1.2 Bus Definitions
The TMP9R01-SEP and TMP9R01-SP device are two-wire- and SMBus-compatible. Figure 7-8 and Figure 7-9
illustrate the timing for various operations on the TMP9R01-SEP and TMP9R01-SP devices. The bus definitions
are as follows:
Bus Idle:
Both SDA and SCL lines remain high.
Start Data
Transfer:
A change in the state of the SDA line (from high to low) when the SCL line is high defines
a start condition. Each data transfer initiates with a start condition.
Stop Data
Transfer:
A change in the state of the SDA line (from low to high) when the SCL line is high defines
a stop condition. Each data transfer terminates with a repeated start or stop condition.
Data Transfer:
The number of data bytes transferred between a start and stop condition is not limited and
is determined by the controller device. The receiver acknowledges the data transfer.
Acknowledge:
Each receiving device, when addressed, is obliged to generate an acknowledge bit. A
device that acknowledges must pull down the SDA line during the acknowledge clock
pulse in such a way that the SDA line is stable low during the high period of the
acknowledge clock pulse. Take setup and hold times into account. On a controller receive,
data transfer termination can be signaled by the controller generating a not-acknowledge
on the last byte that is transmitted by the target.
Frame 1 Two Wire Device Address Byte
Frame 2 Pointer Register Byte
Host
Device
Device
Frame 3 Data Byte 1
ACK By
Device
1
D7
SDA
(Continued)
SCL
(Continued)
D6
D5
D4
D3
D2
D1
D0
9
9
SCL
…
1
9
1
1
Start By
ACK By
ACK By
SDA
0
0
1
1
0
0
P6
P7
P5
P4
P3
P2
P1
P0
…
(1)
W
/
R
Stop By
Host
A.
Target address 1001100 is shown.
Figure 7-8. Two-Wire Timing Diagram for Write Word Format
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com