Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 31 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 27Page - Analog Devices LTM2883 Datasheet HTML 28Page - Analog Devices LTM2883 Datasheet HTML 29Page - Analog Devices LTM2883 Datasheet HTML 30Page - Analog Devices LTM2883 Datasheet HTML 31Page - Analog Devices LTM2883 Datasheet HTML 32Page - Analog Devices LTM2883 Datasheet HTML 33Page - Analog Devices LTM2883 Datasheet HTML 34Page - Analog Devices LTM2883 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LTM2883
31
2883fd
For more information www.linear.com/LTM2883
TYPICAL APPLICATIONS
Figure 22. –48V, 200W Hot Swap Controller with Isolated I2C Interface
2883 F22
LTM2883-5I
5V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
1µF
K6
L8
L6
L1
K1
K2
SCL
Ix
Ox
µC
SDA
VCC
GND
10k
10k
ON
DI1
DNC
O1
VL
VCC
GND
SDA
SDA2
GND
SCL
DNC
SCL2
AV+
V–
AV–
AVCC2
V+
VCC2
DO2
I2
DO1
I1
GND2
VEE
VEE
VOUT
SDAI
LTC4261CGN
SS
UVL
FLTIN
UVH
ADIN2
SCL
OV
SDAO
ALERT
10
8
9
11
19
5
22
6
4
3
ON
TMR
20
ADR0
EN
PGI
ADR1
1
26
25
24
ADIN
PGI0
PG
PWRGD2
–48V RTN
–48V INPUT
IRF1310NS
PWRGD1
28
27
23
VEE
13
SENSE
14
GATE
15
INTVCC
7
VIN
21
DRAIN
16
RAMP
18
2
10nF
100V
0.1µF
47nF
100nF
220nF
1µF
0.1µF
330µF
100V
1k
16.9k
11.8k
453k
1k,
×4 IN SERIES
1/4W EACH
47nF
10
10k
402k
0.008
1%
1M
+
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com