Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
LTM2883
15
2883fd
For more information www.linear.com/LTM2883
BLOCK DIAGRAM
2883 BDb
2.2µF
2.2µF
VCC
VCC2
AVCC2
GND2
VL
110k
2.2µF
GND
ON
CS
SDOE
SDI
SDO
DO1
DO2
SCK
CS2
SDI2
SDO2
I1
I2
SCK2
DC/DC
CONVERTER
ISOLATED
COMMUNI-
CATIONS
INTERFACE
ISOLATED
COMMUNI-
CATIONS
INTERFACE
REG
15k
1µF
V+
AV+
150k
REG
REG
16.2k
16.2k
1µF
AV–
V–
150k
REG
LTM2883-I
LTM2883-S
2882 BDa
2.2µF
2.2µF
VCC
VCC2
AVCC2
GND2
VL
110k
2.2µF
GND
ON
DI1
DO2
DO1
SCL
SDA
O1
SDA2
I2
I1
SCL2
DC/DC
CONVERTER
ISOLATED
COMMUNI-
CATIONS
INTERFACE
ISOLATED
COMMUNI-
CATIONS
INTERFACE
REG
15k
1µF
V+
AV+
150k
REG
REG
16.2k
16.2k
1µF
AV–
V–
150k
REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com