Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTM2883
11
2883fd
For more information www.linear.com/LTM2883
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Supply Current
vs Single Channel Data Rate
Logic Input Threshold
vs VL Supply Voltage
Logic Output Voltage
vs Load Current
VCC2 Ripple
V+ Ripple
V– Ripple
TA = 25°C, LTM2883-3 VCC = 3.3V,
LTM2883-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
VCC2 Noise
V+ Noise
V– Noise
1ms/DIV
2mV/DIV
2883 G30
500ns/DIV
2mV/DIV
2883 G25
500ns/DIV
5mV/DIV
I+ = 1mA
I+ = 20mA
2883 G26
500ns/DIV
5mV/DIV
I– = 1mA
I– = 20mA
2883 G27
1ms/DIV
2mV/DIV
2883 G28
1ms/DIV
2mV/DIV
2883 G29
DATA RATE (Hz)
1k
70
60
20
30
40
50
10
100k
10k
1M
2883 G31
100M
10M
VCC = 5V
ICC2 = I+ = I– = 0
CL = 1nF
CL = 330pF
CL = 100pF
CL = 20pF
VL SUPPLY VOLTAGE (V)
1
3.5
2.5
0.5
1.0
2.0
3.0
1.5
0
4
5
2
2883 G32
6
3
INPUT RISING
INPUT FALLING
LOAD CURRENT (mA)
0
6.0
1.0
2.0
3.0
4.0
5.0
0
2
1
3
2883 G33
10
9
8
7
6
5
4
VL = 5.5V
VL = 3.3V
VL = 1.62V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com