Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 5 Page - Analog Devices

  LTM2883 Datasheet HTML 1Page - Analog Devices LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTM2883
5
2883fd
For more information www.linear.com/LTM2883
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C
VIL
Low Level Input Voltage
SCL, SDA
SDA2
l
l
0.3 • VL
0.3 • VCC2
V
V
VIH
High Level Input Voltage
SCL, SDA
SDA2
l
l
0.7 • VL
0.7 • VCC2
V
V
IINL
Input Current
SCL, SDA = VL or 0V
l
±1
µA
VHYS
Input Hysteresis
SCL, SDA
SDA2
0.05 • VL
0.05 • VCC2
mV
mV
VOH
Output High Voltage
SCL2, ILOAD = –2mA
DO2, ILOAD = –2mA
l
l
VCC2 – 0.4
VL – 0.4
V
V
VOL
Output Low Voltage
SDA, VL = 3V, ILOAD = 3mA
DO2, VL = 3V, ILOAD = 2mA
SCL2, ILOAD = 2mA
SDA2, No Load, SDA = 0V, 4.5V ≤ VCC2 < 5.5V
SDA2, No Load, SDA = 0V, 3V < VCC2 < 4.5V
l
l
l
l
l
0.3
0.4
0.4
0.4
0.45
0.55
V
V
V
V
V
CIN
Input Pin Capacitance
SCL, SDA, SDA2 (Note 2)
l
10
pF
CB
Bus Capacitive Load
SCL2, Standard Speed (Note 2)
SCL2, Fast Speed
SDA, SDA2, SR ≥ 1V/μs, Standard Speed (Note 2)
SDA, SDA2, SR ≥ 1V/μs, Fast Speed
l
l
l
l
400
200
400
200
pF
pF
pF
pF
Minimum Bus Slew Rate
SDA, SDA2
l
1
V/µs
ISC
Short-Circuit Current
SDA2 = 0, SDA = VL
0V ≤ SCL2 ≤ VCC2
0V ≤ DO2 ≤ VL
SDA = 0, SDA2 = VCC2
SDA = VL, SDA2 = 0
l
±30
±30
6
–1.8
100
mA
mA
mA
mA
mA
ESD (HBM) (Note 2)
Isolation Boundary
(VCC2, V+, V–, GND2) to (VCC, VL, GND)
±10
kV
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2883-3 VCC = 3.3V, LTM2883-5 VCC = 5V, VL = 3.3V, and GND =
GND2 = 0V, ON = VL unless otherwise noted. Specifications apply to all options unless otherwise noted.
SWITCHING CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic
Maximum Data Rate
Ix
→ DOx, CL = 15pF (Note 3)
l
10
MHz
tPHL, tPLH Propagation Delay
CL = 15pF (Figure 1)
l
35
60
100
ns
tR
Rise Time
CL = 15pF (Figure 1)
LTM2883-I, DO2, CL = 15pF (Figure 1)
l
l
3
20
12.5
35
ns
ns
tF
Fall Time
CL = 15pF (Figure 1)
LTM2883-I, DO2, CL = 15pF (Figure 1)
l
l
3
20
12.5
35
ns
ns
SPI
Maximum Data Rate
Bidirectional Communication (Note 3)
Unidirectional Communication (Note 3)
l
l
4
8
MHz
MHz
tPHL, tPLH Propagation Delay
CL = 15pF (Figure 1)
l
35
60
100
ns
tPWU
Output Pulse Width Uncertainty
SDI2, CS2 (Note 2)
–20
50
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2883-3 VCC = 3.3V, LTM2883-5 VCC = 5V, VL = 3.3V, and GND =
GND2 = 0V, ON = VL unless otherwise noted. Specifications apply to all options unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com