Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 25Page - Analog Devices LTM2883 Datasheet HTML 26Page - Analog Devices LTM2883 Datasheet HTML 27Page - Analog Devices LTM2883 Datasheet HTML 28Page - Analog Devices LTM2883 Datasheet HTML 29Page - Analog Devices LTM2883 Datasheet HTML 30Page - Analog Devices LTM2883 Datasheet HTML 31Page - Analog Devices LTM2883 Datasheet HTML 32Page - Analog Devices LTM2883 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTM2883
29
2883fd
For more information www.linear.com/LTM2883
2883 F20
ON
CS
I2
CS2
LTM2883-5S
VL
VCC
GND
SDI
SDI2
SDOE
SCK
5V
DO2
SCK2
AV+
V–
AV–
AVCC2
V+
VCC2
SDO
SDO2
DO1
I1
–12.5V UV
12.5V ENABLE
5V ENABLE
12.5V UV
–12.5V ENABLE
SWITCHED 12.5V
SWITCHED –12.5V
SWITCHED 5V
5V UV
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
K6
L8
L6
L1
K1
K2
V2
LTC2902
CRT
COMP3
COMP2
COMP1
V3
COMP4
V1
V4
VREF
3
1
2
4
5
14
16
15
13
12
VPG
RDIS
RST
T0
GND
T1
6
7
8
11
10
9
0.1µF
10k
226k
9.53k
93.1k
20k
196k
100k
100k
IRF7509
IRF7509
IRLML2402
IRF7509
100k
100k
TYPICAL APPLICATIONS
Figure 20. Digitally Switched Triple Power Supply with Undervoltage Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com