Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices LTM2883 Datasheet HTML 22Page - Analog Devices LTM2883 Datasheet HTML 23Page - Analog Devices LTM2883 Datasheet HTML 24Page - Analog Devices LTM2883 Datasheet HTML 25Page - Analog Devices LTM2883 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTM2883
22
2883fd
For more information www.linear.com/LTM2883
APPLICATIONS INFORMATION
data rate is 400kHz which supports fast-mode I2C. Timing
is detailed in Figure 10. The data rate is limited by the slave
acknowledge setup time (tSU;ACK), consisting of the I2C
standardminimumsetuptime(tSU;DAT)of100ns,maximum
clock propagation delay of 225ns, glitch filter and isolated
data delay of 350ns maximum, and the combined isolated
and logic data fall time of 500ns at maximum bus load-
ing. The total setup time reduces the I2C data hold time
(tHD;DAT) to a maximum of 125ns, guaranteeing sufficient
data setup time (tSU;ACK).
The isolated side bidirectional serial data pin, SDA2,
simplified schematic is shown in Figure 11. An internal
1.8mA current source provides a pull-up for SDA2. Do not
connect any other pull-up device to SDA2. This current
source is sufficient to satisfy the system requirements for
bus capacitances greater than 200pF in FAST mode and
greater than 400pF in STANDARD mode.
Additional proprietary circuitry monitors the slew rate on
the SDA and SDA2 signals to manage directional control
across the isolation barrier. Slew rates on both pins must
be greater than 1V/μs for proper operation.
The logic side bidirectional serial data pin, SDA, requires a
pull-up resistor or current source connected to VL. Follow
Table 4. Unidirectional SPI Timing Event Description
TIME
CPHA
EVENT DESCRIPTION
t0
0, 1
Asynchronous chip select, may be synchronous to SDI but may not lag by more than 3ns
t0 to t1
0, 1
Propagation delay chip select, logic to isolated side
t2
0
Start of data transmission, data set-up
1
Start of transmission, data and clock set-up. Data transition must be within –13ns to 3ns of clock edge
t2 to t3
0
Propagation delay of data, logic side to isolated side
1
Propagation delay of data and clock, logic side to isolated side
t3
0, 1
Logic side data sample time, half clock period delay from data set-up transition
t3 to t5
0, 1
Clock propagation delay, clock and data transition
t4 to t5
0, 1
Data to clock delay, must be ≤13ns
t5 to t6
0, 1
Clock to data delay, must be ≤3ns
t5 to t7
0, 1
Data and clock propagation delay
t8
0
Last clock and data transition
1
Last clock transition
t8 to t9
0
Clock and data propagation delay
1
Clock propagation delay
t9 to t10
1
Data propagation delay
t11
0, 1
Asynchronous chip select transition, end of transmission
t12
0, 1
Chip select transition isolated side
Figure 10. I2C Timing Diagram
2883 F10
SDA
1
8
9
SDA2
SCL
SCL2
START
tPROP
tSU;DAT
tHD;DAT
tSU;ACK
SLAVE ACK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com