Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 4 Page - Analog Devices

  LTM2883 Datasheet HTML 1Page - Analog Devices LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTM2883
4
2883fd
For more information www.linear.com/LTM2883
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2883-3 VCC = 3.3V, LTM2883-5 VCC = 5V, VL = 3.3V, and GND =
GND2 = 0V, ON = VL unless otherwise noted. Specifications apply to all options unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Supplies
VCC2
Regulated Output Voltage
No Load
l
4.75
5
5.25
V
Output Voltage Operating Range
(Note 2)
3
5.5
V
Line Regulation
ILOAD = 1mA, MIN ≤ VCC ≤ MAX
l
25
100
mV
Load Regulation
ILOAD = 100µA to 20mA
l
8
80
mV
ADJ Pin Voltage
ILOAD = 100µA to 20mA
l
585
600
615
mV
Voltage Ripple
ILOAD = 20mA (Note 2)
1
mVRMS
Efficiency
ILOAD = 20mA (Note 2)
45
%
ICC2
Output Short Circuit Current
VCC2 = 0V
45
mA
Current Limit
ΔVCC2 = –5%
l
20
mA
V+
Regulated Output Voltage
No Load
l
12
12.5
13
V
Line Regulation
ILOAD = 1mA, MIN ≤ VCC ≤ MAX
l
5
30
mV
Load Regulation
ILOAD = 100µA to 20mA
l
200
mV
ADJ Pin Voltage
ILOAD = 100µA to 20mA
l
1.170
1.220
1.260
mV
Voltage Ripple
ILOAD = 20mA (Note 2)
3
mVRMS
Efficiency
ILOAD = 20mA (Note 2)
45
%
I+
Output Short Circuit Current
V+ = 0V
70
mA
Current Limit
ΔV+ = –0.5V
l
20
mA
V–
Regulated Output Voltage
No Load
l
–12
–12.5
–13
V
Line Regulation
ILOAD = –1mA, MIN ≤ VCC ≤ MAX
l
4
15
mV
Load Regulation
ILOAD = 100µA to 15mA, V+LOAD = 1.5mA
35
mV
ADJ Pin Voltage
ILOAD = 100µA to 15mA, V+LOAD = 1.5mA
l
–1.184
–1.220
–1.256
mV
Voltage Ripple
ILOAD = 15mA, V+LOAD = 1.5mA (Note 2)
2
mVRMS
Efficiency
ILOAD = 15mA (Note 2)
45
%
I–
Output Short-Circuit Current
V– = 0V
30
mA
Current Limit
ΔV– = 0.5V, V+ = 1.5mA
l
10
15
mA
Logic/SPI
VITH
Input Threshold Voltage
ON, DI1, SDOE, SCK, SDI, CS 1.62V ≤ VL < 2.35V
ON, DI1, SDOE, SCK, SDI, CS 2.35V ≤ VL
I1, I2, SDO2
l
l
l
0.25 • VL
0.33 • VL
0.33 • VCC2
0.75 • VL
0.67 • VL
0.67 • VCC2
V
V
V
IINL
Input Current
l
±1
µA
VHYS
Input Hysteresis
(Note 2)
150
mV
VOH
Output High Voltage
DO1, DO2, SDO
ILOAD = –1mA, 1.62V ≤ VL < 3V
ILOAD = –4mA, 3V ≤ VL ≤ 5.5V
l
VL – 0.4
V
O1, SCK2, SDI2, CS2, ILOAD = –4mA
l
VCC2 – 0.4
V
VOL
Output Low Voltage
DO1, DO2, SDO
ILOAD = 1mA, 1.62V ≤ VL < 3V
ILOAD = 4mA, 3V ≤ VL ≤ 5.5V
l
0.4
V
O1, SCK2, SDI2, CS2, ILOAD = 4mA
l
0.4
V
ISC
Short-Circuit Current
0V ≤ (DO1, DO2, SDO) ≤ VL
0V ≤ (O1, SCK2, SDI2, CS2) ≤ VCC2
l
±60
±85
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com