Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices LTM2883 Datasheet HTML 22Page - Analog Devices LTM2883 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LTM2883
19
2883fd
For more information www.linear.com/LTM2883
The maximum data rate for bidirectional communication
is 4MHz, based on a synchronous system, as detailed in
the timing waveforms. Slightly higher data rates may be
achieved by skewing the clock duty cycle and minimiz-
ing the SDO to SCK set-up time, however the clock rate
is still dominated by the system propagation delays. A
discussion of the critical timing paths relative to Figure 6
and 7 follows.
APPLICATIONS INFORMATION
• CS to SCK (master sample SDO, 1st SDO valid)
t0 → t1 ≈50ns, CS to CS2 propagation delay
t1 → t1+ Isolated slave device propagation
(response time), asserts SDO2
t1 → t3 ≈50ns, SDO2 to SDO propagation delay
t3 → t5 Set-up time for master SDO to SCK
Figure 6. SPI Timing, Bidirectional, CPHA = 0
Figure 7. SPI Timing, Bidirectional, CPHA = 1
2883 F06
SDO2
SDO
SCK2 (CPOL = 1)
SCK (CPOL = 1)
SCK2 (CPOL = 0)
SCK (CPOL = 0)
SDI2
SDI
CS2
CS = SDOE
CPHA = 0
t0
t1 t2
t3 t4
t5
t6
t7
t8
t9
t10
t11 t12
t13
t14
t15
t17
t18
INVALID
2883 F07
SDO2
SDO
SCK2 (CPOL = 1)
SCK (CPOL = 1)
SCK2 (CPOL = 0)
SCK (CPOL = 0)
SDI2
SDI
CS2
CS = SDOE
CPHA = 1
t0
t1 t2
t3 t4
t5
t6
t7
t8
t9
t10
t11 t12
t13
t14
t15
t16 t17
t18
INVALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com