Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 3 Page - Analog Devices

  LTM2883 Datasheet HTML 1Page - Analog Devices LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTM2883
3
2883fd
For more information www.linear.com/LTM2883
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2883-3 VCC = 3.3V, LTM2883-5 VCC = 5V, VL = 3.3V, and GND =
GND2 = 0V, ON = VL unless otherwise noted. Specifications apply to all options unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supplies
VCC
Input Supply Range
LTM2883-3
LTM2883-5
l
l
3
4.5
3.3
5
3.6
5.5
V
V
VL
Logic Supply Range
LTM2883-S
LTM2883-I
l
l
1.62
3
5
5.5
5.5
V
V
ICC
Input Supply Current
ON = 0V
LTM2883-3, ON = VL, No Load
LTM2883-5, ON = VL, No Load
l
l
l
0
25
19
10
35
28
µA
mA
mA
IL
Logic Supply Current
ON = 0V
LTM2883-S, ON = VL
LTM2883-I, ON = VL
l
0
10
10
150
µA
µA
µA
PART NUMBER
INPUT
VOLTAGE
PAD OR BALL
FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE
RANGE
DEVICE
FINISH CODE
LTM2883CY-3S#PBF
3V TO 3.6V
SAC305
(RoHS)
LTM2883Y-3S
e1
BGA
4
0°C TO 70°C
LTM2883IY-3S#PBF
–40°C TO 85°C
LTM2883HY-3S#PBF
–40°C TO 105°C
LTM2883CY-5S#PBF
4.5V TO 5.5V
LTM2883Y-5S
0°C TO 70°C
LTM2883IY-5S#PBF
–40°C TO 85°C
LTM2883HY-5S#PBF
–40°C TO 105°C
LTM2883CY-3I#PBF
3V TO 3.6V
LTM2883Y-3I
0°C TO 70°C
LTM2883IY-3I#PBF
–40°C TO 85°C
LTM2883HY-3I#PBF
–40°C TO 105°C
LTM2883CY-5I#PBF
4.5V TO 5.5V
LTM2883Y-5I
0°C TO 70°C
LTM2883IY-5I#PBF
–40°C TO 85°C
LTM2883HY-5I#PBF
–40°C TO 105°C
• Device temperature grade is indicated by a label on the shipping
container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to: www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTM2883#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com