Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices LTM2883 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTM2883
18
2883fd
For more information www.linear.com/LTM2883
APPLICATIONS INFORMATION
Figure 5. Adjustable Voltage Rails
parasitic cable inductance along with the high Q char-
acteristics of ceramic capacitors can cause substantial
ringing which could exceed the maximum voltage ratings
and damage the LTM2883. Refer to Analog Devices Ap-
plication Note 88, entitled Ceramic Input Capacitors Can
Cause Overvoltage Transients for a detailed discussion
and mitigation of this phenomenon.
Isolated Supply Adjustable Operation
The three isolated power rails may be adjusted by con-
nection of a single resistor from the adjust pin of each
output to its associated output voltage or to GND2. The
pre-configured voltages represent the maximums for
guaranteed performance. Figure 5 illustrates configura-
tion of the output power rails for VCC2 = 3.3V, V+ = 10V,
and V– = –10V.
Table 1. Voltage Adjustment Formula
OUTPUT
VOLTAGE
RESISTOR (Ax TO Vx) TO
REDUCE OUTPUT
RESISTOR (Ax TO GND2) TO
INCREASE OUTPUT
VCC2
110k • VCC2 – 0.6
(
)
5 – VCC2
66k
VCC2 – 5
V+, V–
150k • V+ ,V– – 1.22
(
)
12.5 – V+ ,V–
183k
V+ ,V– – 12.5
Channel Timing Uncertainty
Multiplechannelsaresupportedacrosstheisolationbound-
aryby encoding and decoding of the inputs and outputs. Up
to three signals in each direction are assembled as a serial
packetandtransferredacrosstheisolationbarrier.Thetime
required to transfer all 3 bits is 100ns maximum, and sets
the limit for how often a signal can change on the opposite
side of the barrier. Encoding transmission is independent
for each data direction. The technique used assigns SCK
or SCL on the logic side, and SDO2 or I2 on the isolated
side, the highest priority such that there is no jitter on the
associated output channels, only delay. This preemptive
scheme will produce a certain amount of uncertainty on
the other isolation channels. The resulting pulse width
uncertainty on these low priority channels is typically ±6ns,
but may vary up to ±44ns if the low priority channels are
not encoded within the same high priority serial packet.
Serial Peripheral Interface (SPI) Bus
The LTM2883-S provides a SPI compatible isolated inter-
face. The maximum data rate is a function of the inherent
channel propagation delays, channel to channel pulse
width uncertainty, and data direction requirements. Chan-
nel timing is detailed in Figures 5 through 8 and Tables
3 and 4. The SPI protocol supports four unique timing
configurations defined by the clock polarity (CPOL) and
clock phase (CPHA) summarized in Table 2.
Table 2. SPI Mode
CPOL CPHA
DATA TO (CLOCK) RELATIONSHIP
0
0
Sample (Rising)
Set-Up (Falling)
0
1
Set-Up (Rising)
Sample (Falling)
1
0
Sample (Falling)
Set-Up (Rising)
1
1
Set-Up (Falling)
Sample (Rising)
Todecreasetheoutputvoltagearesistormustbeconnected
from the output voltage pin to the associated adjust pin.
To increase the output voltage connect a resistor to the
adjust pin to GND2. Use the equations listed in Table 1
to calculate the resistances required to adjust each output.
TheoutputvoltageadjustmentrangeforVCC2is3Vto5.5V.
AdjustmentrangeforV+andV–is±1.22Vtoapproximately
±13.5V. Operation at low output voltages for V+ or V– may
result in thermal shutdown due to low dropout regulator
power dissipation.
2883 F05
CS
CS2
LTM2883-5S
VL
VCC
5V
GND
GND2
SDI
SDI2
DO2
SCK
SCK2
AV+
V–
AV–
AVCC2
V+
VCC2
SDO
SDO2
I2
DO1
I1
3.3V
174k
10V
–10V
530k
530k
ON
SDOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com