Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 23Page - Analog Devices LTM2883 Datasheet HTML 24Page - Analog Devices LTM2883 Datasheet HTML 25Page - Analog Devices LTM2883 Datasheet HTML 26Page - Analog Devices LTM2883 Datasheet HTML 27Page - Analog Devices LTM2883 Datasheet HTML 28Page - Analog Devices LTM2883 Datasheet HTML 29Page - Analog Devices LTM2883 Datasheet HTML 30Page - Analog Devices LTM2883 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTM2883
27
2883fd
For more information www.linear.com/LTM2883
TYPICAL APPLICATIONS
Figure 17. Isolated SPI Device Expansion
2883 F17
ON
CS
I2
CS2
LTM2883-3S
VL
VCC
GND
SDI
SDI2
SDOE
SCK
DO2
SCK2
AV+
V–
AV–
AVCC2
V+
VCC2
SDO
SDO2
CSA
MOSI
SCK
CSB
MISO
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
K6
L8
L6
L1
K1
K2
74VC1G123
Rx/Cx Cx
CLR
A
B
Q
3.3V
1µF
1nF
µC
CSA
CSB
MISO
VCC
GND
MOSI
SCK
CSA
CSB
MOSI
SCK
10k
Figure 18. Isolated I2C Buffer with Programmable Outputs
2883 F18
ON
DI1
DNC
O1
VL
VCC
GND
SDA
SDA2
GND
SCL
ENABLE
5V
SDA
SCLIN
DNC
SCL2
AV+
V–
AV–
AVCC2
V+
VCC2
DO2
I2
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
K6
L8
L6
10k
L1
K1
K2
VCC
LTC4302-1
GND
SDAIN
SDAOUT
SCLIN
CONN
SCLOUT
ADDR
GPIO2
GPIO1
SDA
SCLOUT
GPIO2
GPIO1
3
1
2
4
5
8
10
9
7
6
8.66k
137
10k
10k
10k
LTM2883-5I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com