Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices LTM2883 Datasheet HTML 22Page - Analog Devices LTM2883 Datasheet HTML 23Page - Analog Devices LTM2883 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTM2883
20
2883fd
For more information www.linear.com/LTM2883
APPLICATIONS INFORMATION
• SDI to SCK (master data write to slave)
t2 → t4 ≈50ns, SDI to SDI2 propagation delay
t5 → t6 ≈50ns, SCK to SCK2 propagation delay
t2 → t5 ≥50ns, SDI to SCK, separate packet
non-zero set-up time
t4 → t6 ≥50ns, SDI2 to SCK2, separate packet
non-zero set-up time
• SDO to SCK (master sample SDO, subsequent
SDO valid)
t8
set-up data transition SDI and SCK
t8 → t10 ≈50ns, SDI to SDI2 and SCK to SCK2
propagation delay
t10
SDO2 data transition in response to SCK2
t10 → t11 ≈50ns, SDO2 to SDO propagation delay
t11 → t12 Set-up time for master SDO to SCK
Table 3. Bidirectional SPI Timing Event Description
TIME
CPHA
EVENT DESCRIPTION
t0
0, 1
Asynchronous chip select, may be synchronous to SDI but may not lag by more than 3ns. Logic side slave data output
enabled, initial data is not equivalent to slave device data output
t0 to t1, t17 to t18
0, 1
Propagation delay chip select, logic to isolated side, 50ns typical
t1
0, 1
Slave device chip select output data enable
t2
0
Start of data transmission, data set-up
1
Start of transmission, data and clock set-up. Data transition must be within –13ns to 3ns of clock edge
t1 to t3
0, 1
Propagation delay of slave data, isolated to logic side, 50ns typical
t3
0, 1
Slave data output valid, logic side
t2 to t4
0
Propagation delay of data, logic side to isolated side
1
Propagation delay of data and clock, logic side to isolated side
t5
0, 1
Logic side data sample time, half clock period delay from data set-up transition
t5 to t6
0, 1
Propagation delay of clock, logic to isolated side
t6
0, 1
Isolated side data sample time
t8
0, 1
Synchronous data and clock transition, logic side
t7 to t8
0, 1
Data to clock delay, must be ≤13ns
t8 to t9
0, 1
Clock to data delay, must be ≤3ns
t8 to t10
0, 1
Propagation delay clock and data, logic to isolated side
t10, t14
0, 1
Slave device data transition
t10 to t11, t14 to t15
0, 1
Propagation delay slave data, isolated to logic side
t11 to t12
0, 1
Slave data output to sample clock set-up time
t13
0
Last data and clock transition logic side
1
Last sample clock transition logic side
t13 to t14
0
Propagation delay data and clock, logic to isolated side
1
Propagation delay clock, logic to isolated side
t15
0
Last slave data output transition logic side
1
Last slave data output and data transition, logic side
t15 to t16
1
Propagation delay data, logic to isolated side
t17
0, 1
Asynchronous chip select transition, end of transmission. Disable slave data output logic side
t18
0, 1
Chip select transition isolated side, slave data output disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com