Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices LTM2883 Datasheet HTML 22Page - Analog Devices LTM2883 Datasheet HTML 23Page - Analog Devices LTM2883 Datasheet HTML 24Page - Analog Devices LTM2883 Datasheet HTML 25Page - Analog Devices LTM2883 Datasheet HTML 26Page - Analog Devices LTM2883 Datasheet HTML 27Page - Analog Devices LTM2883 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTM2883
24
2883fd
For more information www.linear.com/LTM2883
TECHNOLOGY
APPLICATIONS INFORMATION
PCB Layout
The high integration of the LTM2883 makes PCB layout
very simple. However, to optimize its electrical isolation
characteristics, EMI, and thermal performance, some
layout considerations are necessary.
• Under heavily loaded conditions VCC and GND current
can exceed 300mA. Sufficient copper must be used
on the PCB to insure resistive losses do not cause the
supply voltage to drop below the minimum allowed
level. Similarly, the VCC2 and GND2 conductors must
be sized to support any external load current. These
heavy copper traces will also help to reduce thermal
stress and improve the thermal conductivity.
• Inputandoutputdecouplingisnotrequired,sincethese
components are integrated within the package. An ad-
ditional bulk capacitor with a value of 6.8µF to 22µF is
recommended. The high ESR of this capacitor reduces
boardresonancesandminimizesvoltagespikescaused
by hot plugging of the supply voltage. For EMI sensitive
applications,anadditionallowESLceramiccapacitorof
1µF to 4.7µF, placed as close to the power and ground
terminals as possible, is recommended. Alternatively, a
numberofsmallervalueparallelcapacitorsmaybeused
to reduce ESL and achieve the same net capacitance.
• Do not place copper on the PCB between the inner col-
umns of pads. This area must remain open to withstand
the rated isolation voltage.
• The use of solid ground planes for GND and GND2
is recommended for non-EMI critical applications to
optimize signal fidelity, thermal performance, and to
minimize RF emissions due to uncoupled PCB trace
conduction. The drawback of using ground planes,
where EMI is of concern, is the creation of a dipole
antennastructurewhichcanradiatedifferentialvoltages
formed between GND and GND2. If ground planes are
used it is recommended to minimize their area, and
use contiguous planes as any openings or splits can
exacerbate RF emissions.
• For large ground planes a small capacitance (≤330pF)
from GND to GND2, either discrete or embedded within
the substrate, provides a low impedance current return
path for the module parasitic capacitance, minimizing
anyhighfrequencydifferentialvoltagesandsubstantially
reducing radiated emissions. Discrete capacitance will
not be as effective due to parasitic ESL. In addition, volt-
age rating, leakage, and clearance must be considered
for component selection. Embedding the capacitance
within the PCB substrate provides a near ideal capacitor
and eliminates component selection issues; however,
the PCB must be 4 layers. Care must be exercised in
applying either technique to insure the voltage rating
of the barrier is not compromised.
The PCB layout in Figures 14a and 14b shows the low
EMI demo board for the LTM2883. The demo board uses
a combination of EMI mitigation techniques, including
both embedded PCB bridge capacitance and discrete GND
to GND2 capacitors. Two safety rated type Y2 capacitors
are used in series, manufactured by MuRata, part number
GA342QR7GF471KW01L. The embedded capacitor ef-
fectively suppresses emissions above 400MHz, whereas
the discrete capacitors are more effective below 400MHz.
EMI performance is shown in Figure 15, measured using
a Gigahertz Transverse Electromagnetic (GTEM) cell and
method detailed in IEC 61000-4-20, Testing and Measure-
ment Techniques – Emission and Immunity Testing in
Transverse Electromagnetic Waveguides.
Figure 14a. LTM2883 Low EMI Demo Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com