Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 1 Page - Analog Devices

  LTM2883 Datasheet HTML 1Page - Analog Devices LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTM2883
1
2883fd
For more information www.linear.com/LTM2883
TYPICAL APPLICATION
FEATURES
DESCRIPTION
SPI/Digital or I2C µModule
Isolator with Adjustable ±12.5V
and 5V Regulated Power
The LTM®2883 is a complete galvanic 6-channel digital
µModule®(micromodule)isolator.Noexternalcomponents
are required. A single 3.3V or 5V supply powers both
sides of the interface through an integrated, isolated DC/
DC converter. A logic supply pin allows easy interfacing
with different logic levels from 1.62V to 5.5V, independent
of the main supply.
Available options are compliant with SPI and I2C (master
mode only) specifications.
The isolated side includes ±12.5V and 5V nominal power
supplies, each capable of providing more than 20mA of
loadcurrent.Eachsupplymaybeadjustedfromitsnominal
value using a single external resistor.
Coupled inductors and an isolation power transformer
provide 2500VRMS of isolation between the input and out-
put logic interface. This device is ideal for systems where
the ground loop is broken, allowing for a large common
mode voltage range. Communication is uninterrupted for
common mode transients greater than 30kV/μs.
All registered trademarks and trademarks are the property of their respective owners.
Isolated 4MHz SPI Interface
APPLICATIONS
n
2500VRMS for One Minute per UL1577
UL Recognized
®
File #E151738
n
Isolated Adjustable DC Power:
3V to 5V at Up to 30mA
±12.5V at Up to 20mA
n
No External Components Required
n
SPI (LTM2883-S) or I2C (LTM2883-I) Options
n
High Common Mode Transient Immunity: 30kV/μs
n
High Speed Operation:
10MHz Digital Isolation
4MHz/8MHz SPI Isolation
400kHz I2C Isolation
n
3.3V (LTM2883-3) or 5V (LTM2883-5) Operation
n
1.62V to 5.5V Logic Supply
n
±10kV ESD HBM Across the Isolation Barrier
n
Maximum Continuous Working Voltage: 560VPEAK
n
Low Current Shutdown Mode (<10µA)
n
Low Profile (15mm × 11.25mm × 3.42mm)
BGA Package
n
Isolated SPI or I2C Interfaces
n
Industrial Systems
n
Test and Measurement Equipment
n
Breaking Ground Loops
LTM2883 Operating Through 35kV/µs CM Transient
2883 TA01a
ON
CS
CS2
LTM2883-5S
VL
VCC
5V
GND
GND2
SDI
SDOE
SDI2
DO2
SCK
SCK2
CS
SDI
SCK
CS
SDI
SCK
AV+
V–
AV–
AVCC2
V+
VCC2
SDO
SDO2
SDO
SDO
I2
DO1
I1
5V AT 20mA
12.5V AT 20mA
–12.5V AT 15mA
20ns/DIV
2V/DIV
2V/DIV
SCK
SD0
SCK2 = SD02
200V/DIV
2883 TA01b
REPETITIVE
COMMON MODE
TRANSIENTS


Similar Part No. - LTM2883

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTM2883 AD-LTM2883 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2883 AD-LTM2883 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
LTM2883 AD-LTM2883 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results

Similar Description - LTM2883

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883_1211 LINER-LTM2883_1211 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
LTM2887 LINER-LTM2887 Datasheet
591Kb / 38P
SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
SPI/Digital or I2C 關Module Isolator
logo
Maxim Integrated Produc...
MAX14483 MAXIM-MAX14483_V01 Datasheet
1,022Kb / 26P
6-Channel, Low-Power, 3.75kVRMS, SPI Digital Isolator
2020
logo
Analog Devices
LTM2810 AD-LTM2810 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com