Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices LTM2883 Datasheet HTML 22Page - Analog Devices LTM2883 Datasheet HTML 23Page - Analog Devices LTM2883 Datasheet HTML 24Page - Analog Devices LTM2883 Datasheet HTML 25Page - Analog Devices LTM2883 Datasheet HTML 26Page - Analog Devices LTM2883 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LTM2883
23
2883fd
For more information www.linear.com/LTM2883
the requirements in Figures 12 and 13 for the appropri-
ate pull-up resistor on SDA that satisfies the desired rise
time specifications and VOL maximum limits for FAST and
STANDARD modes. The resistance curves represent the
maximum resistance boundary; any value may be used
to the left of the appropriate curve.
The isolated side clock pin, SCL2, has a weak push-pull
output driver; do not connect an external pull-up device.
SCL2 is compatible with I2C devices without clock stretch-
ing. On lightly loaded connections, a 100pF capacitor
from SCL2 to GND2 or RC low-pass filter (R = 500Ω C =
100pF) can be used to increase the rise and fall times and
minimize noise.
Some consideration must be given to signal coupling
between SCL2 and SDA2. Separate these signals on a
printed circuit board or route with ground between. If
these signals are wired off board, twist SCL2 with VCC2
and/or GND2 and SDA2 with GND2 and/or VCC2, do not
twist SCL2 and SDA2 together. If coupling between SCL2
and SDA2 is unavoidable, place the aforementioned RC
filter at the SCL2 pin to reduce noise injection onto SDA2.
RF, Magnetic Field Immunity
TheisolatorµModuletechnologyusedwithintheLTM2883
hasbeenindependentlyevaluated,andsuccessfullypassed
the RF and magnetic field immunity testing requirements
per European Standard EN 55024, in accordance with the
following test standards:
EN 61000-4-3
Radiated, Radio-Frequency,
Electromagnetic Field Immunity
EN 61000-4-8
Power Frequency Magnetic Field
Immunity
EN 61000-4-9
Pulsed Magnetic Field Immunity
Tests were performed using an unshielded test card de-
signed per the data sheet PCB layout recommendations.
Specific limits per test are detailed in Table 5.
Table 5.
TEST
FREQUENCY
FIELD STRENGTH
EN 61000-4-3 Annex D
80MHz to 1GHz
10V/m
1.4MHz to 2GHz
3V/m
2GHz to 2.7GHz
1V/m
EN 61000-4-8 Level 4
50Hz and 60Hz
30A/m
EN 61000-4-8 Level 5
60Hz
100A/m*
EN 61000-4-9 Level 5
Pulse
1000A/m
*non IEC method
CBUS (pF)
10
30
25
5
10
15
20
0
100
2883 F12
1000
V = 3V
V = 3.3V
V = 3.6V
V = 4.5V TO 5.5V
CBUS (pF)
10
10
9
1
3
5
7
2
4
6
8
0
100
2883 F13
1000
V = 3V
V = 3.3V
V = 3.6V
V = 4.5V TO 5.5V
Figure 12. Maximum Standard Speed Pull-Up Resistance on SDA
Figure 13. Maximum Fast Speed Pull-Up Resistance on SDA
Figure 11. Isolated SDA2 Pin Schematic
2883 F11
SDA2
1.8mA
FROM
LOGIC
SIDE
TO
LOGIC
SIDE
GLITCH FILTER
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com