Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTM2883
6
2883fd
For more information www.linear.com/LTM2883
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VISO
Rated Dielectric Insulation Voltage
(Notes 5, 6, 7)
1 Minute, Derived from 1 Second Test
2500
VRMS
1 Second
±4400
V
Common Mode Transient Immunity
LTM2883-3 VCC = 3.3V, LTM2883-5 VCC = 5V,
VL = ON = 3.3V, VCM = 1kV, Δt = 33ns (Note 2)
30
kV/µs
VIORM
Maximum Continuous Working Voltage
(Notes 2, 5)
560
400
VPEAK
VRMS
Partial Discharge
VPD = 1050VPEAK (Notes 2, 5)
5
pC
CTI
Comparative Tracking Index
IEC 60112 (Note 2)
600
VRMS
Depth of Erosion
IEC 60112 (Note 2)
0.017
mm
DTI
Distance Through Insulation
(Note 2)
0.06
mm
Input to Output Resistance
(Notes 2, 5)
109
Ω
Input to Output Capacitance
(Notes 2, 5)
6
pF
Creepage Distance
(Note 2)
9.48
mm
ISOLATION CHARACTERISTICS T
A = 25°C.
SWITCHING CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tR
Rise Time
CL = 15pF (Figure 1)
l
3
12.5
ns
tF
Fall Time
CL = 15pF (Figure 1)
l
3
12.5
ns
tPZH, tPZL Output Enable Time
SDOE =
↓, RL = 1kΩ, CL = 15pF (Figure 2)
l
50
ns
tPHZ, tPLZ Output Disable Time
SDOE =
↑, RL = 1kΩ, CL = 15pF (Figure 2)
l
50
ns
I2C
Maximum Data Rate
(Note 3)
l
400
kHz
tPHL, tPLH Propagation Delay
SCL
→ SCL2, CL = 15pF (Figure 1)
SDA
→ SDA2, RL = Open, CL = 15pF (Figure 3)
SDA2
→ SDA, RL = 1.1kΩ, CL = 15pF (Figure 3)
l
l
l
150
150
200
225
250
350
ns
ns
ns
tPWU
Output Pulse Width Uncertainty
SDA, SDA2 (Note 2)
–20
50
ns
tHD;DAT
Data Hold Time
(Note 2)
600
ns
tR
Rise Time
SDA2, CL = 200pF (Figure 3)
SDA2, CL = 200pF (Figure 3)
SDA, RL = 1.1kΩ, CL = 200pF (Figure 3)
SCL2, CL = 200pF (Figure 1)
l
l
l
40
40
40
250
300
250
250
ns
ns
ns
ns
tF
Fall Time
SDA2, CL = 200pF (Figure 3)
SDA, RL = 1.1kΩ, CL = 200pF (Figure 3)
SCL2, CL = 200pF (Figure 1)
l
l
l
40
40
250
250
250
ns
ns
ns
tSP
Pulse Width of Spikes
Suppressed by Input Filter
l
0
50
ns
Power Supply
Power-Up Time
ON =
↑ to VCC2 (Min)
ON =
↑ to V+ (Min)
ON =
↑ to V– (Min)
l
l
l
0.6
0.6
0.6
2
2
2.5
ms
ms
ms
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2883-3 VCC = 3.3V, LTM2883-5 VCC = 5V, VL = 3.3V, and GND =
GND2 = 0V, ON = VL unless otherwise noted. Specifications apply to all options unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com