Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTM2883
14
2883fd
For more information www.linear.com/LTM2883
PIN FUNCTIONS
Logic Side
SDO (A1): Serial SPI Digital Output, Referenced to VL
and GND. Logic output connected to isolated side SDO2
pin through isolation barrier. Under the condition of an
isolation communication failure this output is in a high
impedance state.
DO2(A2):DigitalOutput,ReferencedtoVLandGND.Logic
output connected to I2 through isolation barrier. Under
the condition of an isolation communication failure this
output is in a high impedance state.
SCK (A3): Serial SPI Clock Input, Referenced to VL and
GND. Logic input connected to isolated side SCK2 pin
through isolation barrier. Do not float.
SDI(A4):SerialSPIDataInput,ReferencedtoVLandGND.
Logic input connected to isolated side SDI2 pin through
isolation barrier. Do not float.
CS(A5):SerialSPIChipSelect,ReferencedtoVLandGND.
Logic input connected to isolated side CS2 pin through
isolation barrier. Do not float.
SDOE (A6): Serial SPI Data Output Enable, Referenced to
VL and GND. A logic high on SDOE places the logic side
SDO pin in a high impedance state, a logic low enables
the output. Do not float.
ON (A7): Enable. Enables power and data communica-
tion through the isolation barrier. If ON is high the part is
enabled and power and communications are functional
to the isolated side. If ON is low the logic side is held in
reset, all digital outputs are in a high impedance state, and
the isolated side is unpowered. Do not float.
VL (A8): Logic Supply. Interface supply voltage for pins
SDI, SCK, SDO, DO1, DO2, CS, and ON. Operating voltage
is 1.62V to 5.5V. Internally bypassed with 2.2µF.
DO1(B1):DigitalOutput,ReferencedtoVLandGND.Logic
output connected to I1 through isolation barrier. Under
the condition of an isolation communication failure this
output is in a high impedance state.
GND (B2 to B6): Circuit Ground.
VCC (B7 to B8): Supply Voltage. Operating voltage is 3V
to 3.6V for LTM2883-3 and 4.5V to 5.5V for LTM2883-5.
Internally bypassed with 2.2µF.
Isolated Side
SDO2 (L1): Serial SPI Digital Input, Referenced to VCC2
and GND2. Logic input connected to logic side SDO pin
through isolation barrier. Do not float.
I2 (L2): Digital Input, Referenced to VCC2 and GND2.
Logic input connected to DO2 through isolation barrier.
The logic state on I2 translates to the same logic state on
DO2. Do not float.
SCK2 (L3): Serial SPI Clock Output, Referenced to VCC2
and GND2. Logic output connected to logic side SCK pin
throughisolationbarrier.Undertheconditionofanisolation
communication failure this output defaults to a low state.
SDI2 (L4): Serial SPI Data Output, Referenced to VCC2
and GND2. Logic output connected to logic side SDI pin
throughisolationbarrier.Undertheconditionofanisolation
communication failure this output defaults to a low state.
CS2 (L5): Serial SPI Chip Select, Referenced to VCC2 and
GND2.LogicoutputconnectedtologicsideCSpinthrough
isolation barrier. Under the condition of an isolation com-
munication failure this output defaults to a high state.
VCC2 (L6): 5V Nominal Isolated Supply Voltage. Internally
generated from VCC by an isolated DC/DC converter and
regulated to 5V. Internally bypassed with 2.2µF.
V–(L7):–12.5VNominalIsolatedSupplyVoltage.Internally
generated from VCC by an isolated DC/DC converter and
regulated to –12.5V. Internally bypassed with 1µF.
V+ (L8): 12.5V Nominal Isolated Supply Voltage. Internally
generated from VCC by an isolated DC/DC converter and
regulated to 12.5V. Internally bypassed with 1µF.
I1 (K1): Digital Input, Referenced to VCC2 and GND2.
Logic input connected to DO1 through isolation barrier.
The logic state on I1 translates to the same logic state on
DO1. Do not float.
GND2 (K2 to K5): Isolated Ground.
AVCC2 (K6): 5V Nominal Isolated Supply Voltage Adjust.
The adjust pin voltage is 600mV Referenced to GND2.
AV– (K7): –12.5V Nominal Isolated Supply Voltage Adjust.
The adjust pin voltage is –1.22V Referenced to GND2.
AV+ (K8): 12.5V Nominal Isolated Supply Voltage Adjust.
The adjust pin voltage is 1.22V Referenced to GND2.
(LTM2883-S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com