Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTM2883
8
2883fd
For more information www.linear.com/LTM2883
TYPICAL PERFORMANCE CHARACTERISTICS
VCC2 Line Regulation
vs Load Current
V+ Line Regulation
vs Load Current
V– Line Regulation
vs Load Current
VCC2 Line Regulation
vs Load Current
V+ Line Regulation
vs Load Current
V– Line Regulation
vs Load Current
VCC Supply Current
vs Temperature
Isolated Supplies
vs Equal Load Current
Isolated Supplies
vs Equal Load Current
TA = 25°C, LTM2883-3 VCC = 3.3V,
LTM2883-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
TEMPERATURE (°C)
–50
30
25
15
20
10
50
0
100
2883 G01
125
25
–25
75
NO LOAD, REFRESH DATA ONLY
LTM2883-3
VCC = 3.3V
LTM2883-5
VCC = 5V
LOAD CURRENT (mA)
0
14
4
2
6
8
10
12
0
20
10
15
5
2883 G02
25
LTM2883-3
VCC = 3.3V
VCC2
V+
V–
LOAD CURRENT (mA)
0
14
4
2
6
8
10
12
0
20
10
15
5
2883 G03
30
25
LTM2883-5
VCC = 5V
VCC2
V+
V–
LOAD CURRENT (mA)
0
6.0
3.0
3.5
4.0
4.5
5.0
5.5
2.5
20
10
30
2883 G04
40
LTM2883-3
I+ = I– = 0A
VCC = 3V
VCC = 3.3V
VCC = 3.6V
LOAD CURRENT (mA)
0
13.0
10.0
10.5
11.0
11.5
12.0
12.5
9.0
9.5
20
10
30
2883 G05
60
50
40
VCC = 3V
VCC = 3.15V
VCC = 3.3V
VCC = 3.6V
LTM2883-3
ICC2 = I– = 0A
–9.0
–10.0
–10.5
–11.0
–11.5
–12.0
–12.5
–13.0
–9.5
LOAD CURRENT (mA)
0
20
10
2883 G06
30
VCC = 3V
VCC = 3.15V
VCC = 3.3V
VCC = 3.6V
LTM2883-3
ICC2 = I+ = 0A
LOAD CURRENT (mA)
0
6.0
3.0
3.5
4.0
4.5
5.0
5.5
2.5
20
10
30
2883 G07
40
VCC = 4.5V
VCC = 5V
VCC = 5.5V
LTM2883-5
I+ = I– = 0A
LOAD CURRENT (mA)
0
13.0
10.0
10.5
11.0
11.5
12.0
12.5
9.0
9.5
20
10
30
2883 G08
60
50
40
VCC = 4.5V
VCC = 4.75V
VCC = 5V
VCC = 5.5V
LTM2883-5
ICC2 = I– = 0A
–9.0
–10.0
–10.5
–11.0
–11.5
–12.0
–12.5
–13.0
–9.5
LOAD CURRENT (mA)
0
20
10
30
2883 G09
40
VCC = 4.5V
VCC = 4.75V
VCC = 5V
VCC = 5.5V
LTM2883-5
ICC2 = I+ = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com