Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTM2883
17
2883fd
For more information www.linear.com/LTM2883
APPLICATIONS INFORMATION
Overview
The LTM2883 digital µModule isolator provides a
galvanically-isolated robust logic interface, powered by
an integrated, regulated DC/DC converter, complete with
decoupling capacitors. The LTM2883 is ideal for use in
networks where grounds can take on different voltages.
Isolation in the LTM2883 blocks high voltage differences,
eliminates ground loops and is extremely tolerant of com-
mon mode transients between ground planes. Error-free
operation is maintained through common mode events
greater than 30kV/μs providing excellent noise isolation.
Isolator µModule Technology
The LTM2883 utilizes isolator µModule technology to
translate signals and power across an isolation barrier.
Signalsoneithersideofthebarrierareencodedintopulses
and translated across the isolation boundary using core-
less transformers formed in the µModule substrate. This
system, complete with data refresh, error checking, safe
shutdown on fail, and extremely high common mode im-
munity, provides a robust solution for bidirectional signal
isolation. The µModule technology provides the means to
combinetheisolatedsignalingwithmultipleregulatorsand
a powerful isolated DC/DC converter in one small package.
DC/DC Converter
The LTM2883 contains a fully integrated DC/DC converter,
including the transformer, so that no external components
are necessary. The logic side contains a full-bridge driver,
running at 2MHz, and is AC-coupled to a single trans-
former primary. A series DC blocking capacitor prevents
transformer saturation due to driver duty cycle imbalance.
The transformer scales the primary voltage, and is recti-
fied by a full-wave voltage doubler. This topology allows
for a single diode drop, as in a center tapped full-wave
bridge, and eliminates transformer saturation caused by
secondary imbalances.
TheDC/DCconverterisconnectedtoalowdropoutregula-
tor (LDO) to provide a regulated 5V output.
An integrated boost converter generates a regulated 14V
supply and a charge pumped –14V supply. These rails are
regulatedto±12.5Vrespectivelybylowdropoutregulators.
Performance of the –12.5V supply is enhanced by loading
the 12.5V supply. A load current of 1.5mA is sufficient to
improvestaticanddynamicloadregulationcharacteristics
of the –12.5V output. The increased load allows the boost
regulator to operate continuously and in turn improves the
regulation of the inverting charge pump.
The internal power solution is sufficient to provide a mini-
mum of 20mA of current from VCC2 and V+, and 15mA
from V–. VCC and VCC2 are each bypassed with 2.2µF
ceramic capacitors, and V+ and V– are bypassed with 1µF
ceramic capacitors.
VL Logic Supply
A separate logic supply pin VL allows the LTM2883 to in-
terface with any logic signal from 1.62V to 5.5V as shown
in Figure 4. Simply connect the desired logic supply to VL.
There is no interdependency between VCC and VL; they
may simultaneously operate at any voltage within their
specified operating ranges and sequence in any order. VL
is bypassed internally by a 2.2µF capacitor.
Hot-Plugging Safely
Caution must be exercised in applications where power is
plugged into the LTM2883’s power supplies, VCC or VL,
due to the integrated ceramic decoupling capacitors. The
2883 F04
ON
CS
CS2
LTM2883-S
ANY VOLTAGE FROM
1.62V TO 5.5V
3V TO 3.6V LTM2883-3
4.5V TO 5.5V LTM2883-5
EXTERNAL
DEVICE
VL
VCC
GND
GND2
SDI
SDI2
SCK
SCK2
AV+
V–
AV–
AVCC2
V+
VCC2
SDO
DO2
SDO2
I2
DO1
I1
SDOE
Figure 4. VCC and VL Are Independent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com