Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices LTM2883 Datasheet HTML 22Page - Analog Devices LTM2883 Datasheet HTML 23Page - Analog Devices LTM2883 Datasheet HTML 24Page - Analog Devices LTM2883 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTM2883
21
2883fd
For more information www.linear.com/LTM2883
APPLICATIONS INFORMATION
Figure 8. SPI Timing, Unidirectional, CPHA = 0
Figure 9. SPI Timing, Unidirectional, CPHA = 1
2883 F08
SCK2 (CPOL = 1)
SCK (CPOL = 1)
SCK2 (CPOL = 0)
SCK (CPOL = 0)
SDI2
SDI
CS2
CS = SDOE
CPHA = 0
t0
t1 t2
t3 t4 t5
t7
t6
t9
t8
t11
t12
2883 F09
SCK2 (CPOL = 1)
SCK (CPOL = 1)
SCK2 (CPOL = 0)
SCK (CPOL = 0)
SDI2
SDI
CS2
CS = SDOE
CPHA = 1
t0
t1 t2
t3 t4 t5
t7
t6
t9
t8
t11
t10
t12
Maximum data rate for single direction communication,
master to slave, is 8MHz, limited by the systems encod-
ing/decoding scheme or propagation delay. Timing details
for both variations of clock phase are shown in Figures 8
and 9 and Table 4.
Additional requirements to insure maximum data rate are:
• CS is transmitted prior to (asynchronous) or within the
same (synchronous) data packet as SDI
• SDI and SCK set-up data transition occur within the
same data packet. Referencing Figure 6, SDI can pre-
cede SCK by up to 13ns (t7 → t8) or lag SCK by 3ns
(t8 → t9) and not violate this requirement. Similarly in
Figure 8, SDI can precede SCK by up to 13ns (t4 → t5)
or lag SCK by 3ns (t5 → t6).
Inter-IC Communication (I2C) Bus
The LTM2883-I provides an I2C compatible isolated in-
terface, Clock (SCL) is unidirectional, supporting master
mode only, and data (SDA) is bidirectional. The maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com