Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 36 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 36 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 28Page - Analog Devices LTM2883 Datasheet HTML 29Page - Analog Devices LTM2883 Datasheet HTML 30Page - Analog Devices LTM2883 Datasheet HTML 31Page - Analog Devices LTM2883 Datasheet HTML 32Page - Analog Devices LTM2883 Datasheet HTML 33Page - Analog Devices LTM2883 Datasheet HTML 34Page - Analog Devices LTM2883 Datasheet HTML 35Page - Analog Devices LTM2883 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTM2883
36
2883fd
For more information www.linear.com/LTM2883
LT 1117 REV D • PRINTED IN USA
www.linear.com/LTM2883
ANALOG DEVICES, INC. 2012
RELATED PARTS
TYPICAL APPLICATION
Precision 4mA to 20mA Sink/Source with Current Monitor
1µF
0.01µF
ON
CS
I2
CS2
LTM2883-3S
VL
VCC
GND
SDI
SDI2
SDOE
SCK
3.3V
DO2
SCK2
AV+
V–
AV–
AVCC2
V+
VCC2
SDO
SDO2
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
3
1
2
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
K6
L8
L6
L1
K1
K2
1µF
µC
CS
MISO
VCC
GND
MOSI
SCK
2883 TA02
0.1µF
OUT
IN
LT6660-3
GND
IN–
LTC2452, ADC
REF
VCC
CS
SCK
IN+
SDO GND
1
3
7
8
5
4
6
2
VOUT
LTC2641, DAC
REF
GND
CS
SCK
VDD
DIN
CLR
3
1
2
4
6
8
7
5
3
2
4
7
6
–
+
LTC1050
0.1µF
SOURCE
RETURN
12.5V
–5V
SINK
Si1555DL_N
0.1µF
100k
75k
11
6
7
10
14
2
3
15
–
+
LTC1100
G = 10
1k
15
0.1%
3V
5V
PART NUMBER
DESCRIPTION
COMMENTS
LTM2881
Isolated RS485/RS422 µModule Transceiver Plus Power 20Mbps 2500VRMS Isolation with Power in LGA/BGA Package
LTM2882
Dual Isolated RS232 µModule Transceiver Plus Power
20Mbps 2500VRMS Isolation with Power in LGA/BGA Package
LTC4310
Hot-Swappable I2C Isolators
Bidirectional I2C Communication, Low Voltage Level Shifting
LTC6803
Multistack Battery Monitor
Individual Battery Cell Monitoring of High Voltage Battery Stacks, Multiple
Devices Interconnected via SPI
LTC2309/
LTC2305/LTC2301
12-Bit, 8-/2-/1-Channel, 14ksps SAR ADCs with I2C
5V, Internal Reference, Software Compatible Family
LTC2631/LTC2630 Single 12-/10-/8-Bit I2C or SPI VOUT DACs with
10ppm/°C Reference
180μA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference,
Rail-to-Rail Output
LTC2641/LTC2642 16-/14-/12-Bit VOUT DACs
±1LSB INL/DNL, 0.5nV • s Glitch, 1μs Settling, 3mm × 3mm DFN
LTC2452/LTC2453 Ultra-Tiny 16-Bit Differential ±5.5V Δ∑ ADCs, SPI/I2C
2LSB INL, 50nA Sleep Current, Tiny 3mm × 2mm DFN-8 or TSOT Packages
LTC1859/
LTC1858/LTC1857
8-Channel 16-/14-/12-Bit, 100ksps, ±10V SoftSpan™
SAR ADCs with SPI
5V Supply, Up to ±10V Configurable Unipolar/Bipolar Input Range, Pin
Compatible Family in SSOP-28 package
LTC2487/LTC2486 16-Bit 2- or 4-Channel Δ∑ ADCs with Easy Drive™ Inputs
and I2C/SPI Interface
16-Bit and 24-Bit Δ∑ ADC Family, Up to 16 Input Channels and Integrated
Temperature Sensor
LTC4303/LTC4304 Hot Swappable I2C Bus Buffers
2.7V to 5.5V Supply, Rise Time Acceleration, Stuck Bus Protection,
±15kV ESD
LTC1100
Zero-Drift Instrumentation Amplifier
Fixed Gain of 10 or 100
LT1991
Precision, Pin Configurable Gain Difference Amplifier
Gain Range –13 to +14
LTC2054/LTC2055 Micropower Zero-Drift Op Amps
3V/5V/±5V Supply
LTC4151
High Voltage I2C Current and Voltage Monitor
Wide Operating Range: 7V to 80V
LTC4261
Negative Voltage Hot Swap Controller with ADC and I2C
Monitoring
Floating Topology Allows Very High Voltage Operation
LTC1799
Wide Frequency Range Silicon Oscillator
1kHz to 30MHz
LTC6990
TimerBlox™ Voltage Controlled Oscillator
488Hz to 2MHz
LTM2892
SPI/Digital or I2C Isolated µModule
3500VRMS Isolation, 6 Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com