Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTM2883
9
2883fd
For more information www.linear.com/LTM2883
TYPICAL PERFORMANCE CHARACTERISTICS
V+ Load Regulation
vs Temperature
V– Load Regulation
vs Temperature
V– Load Regulation
vs Temperature
VCC2 Efficiency
VCC2 Voltage and ICC Current
vs Load Current
VCC2 Load Regulation
vs Temperature
VCC2 Load Regulation
vs Temperature
V+ Load Regulation
vs Temperature
TA = 25°C, LTM2883-3 VCC = 3.3V,
LTM2883-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
TEMPERATURE (°C)
–50
5.20
5.05
5.15
5.10
5.00
4.90
4.95
50
0
100
2883 G10
125
25
–25
75
LTM2883-3
VCC = 3.3V
I+ = I– = 0A
ICC2 = 1mA
ICC2 = 20mA
TEMPERATURE (°C)
–50
5.20
5.05
5.15
5.10
5.00
4.90
4.95
50
0
100
2883 G11
125
25
–25
75
LTM2883-5
VCC = 5V
I+ = I– = 0A
ICC2 = 1mA
ICC2 = 20mA
TEMPERATURE (°C)
–50
12.8
12.5
12.7
12.6
12.4
12.2
12.3
50
0
100
2883 G12
125
25
–25
75
LTM2883-3
VCC = 3.3V
ICC2 = I– = 0A
I+ = 1mA
I+ = 5mA
I+ = 10mA
I+ = 15mA
I+ = 20mA
TEMPERATURE (°C)
–50
12.7
12.5
12.6
12.4
12.1
12.2
12.3
50
0
100
2883 G13
125
25
–25
75
I+ = 1mA
I+ = 5mA
I+ = 10mA
I+ = 15mA
I+ = 20mA
LTM2883-5
VCC = 5V
ICC2 = I– = 0A
TEMPERATURE (°C)
–50
–12.2
–12.5
–12.3
–12.4
–12.6
–12.8
–12.7
50
0
100
2883 G14
125
25
–25
75
I– = 1mA
I– = 15mA
LTM2883-3
VCC = 3.3V
ICC2 = I+ = 0A
TEMPERATURE (°C)
–50
–12.2
–12.5
–12.3
–12.4
–12.6
50
0
100
2883 G15
125
25
–25
75
I– = 1mA
I– = 20mA
LTM2883-5
VCC = 5V
ICC2 = I+ = 0A
LOAD CURRENT (mA)
0
60
10
20
30
40
50
0
0.6
0.4
0.2
0.3
0.1
0.5
0
20
10
30
2883 G16
40
LTM2883-3, VCC = 3.3V
LTM2883-5, VCC = 5V
EFFICIENCY
POWER LOSS
I+ = I– = 0A
LOAD CURRENT (mA)
0
6
1
2
3
4
5
0
150
100
50
75
25
125
0
20
10
30
2883 G17
40
LTM2883-3, VCC = 3.3V
LTM2883-5, VCC = 5V
VOLTAGE
ICC CURRENT
I+ = I– = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com