Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 22Page - Analog Devices LTM2883 Datasheet HTML 23Page - Analog Devices LTM2883 Datasheet HTML 24Page - Analog Devices LTM2883 Datasheet HTML 25Page - Analog Devices LTM2883 Datasheet HTML 26Page - Analog Devices LTM2883 Datasheet HTML 27Page - Analog Devices LTM2883 Datasheet HTML 28Page - Analog Devices LTM2883 Datasheet HTML 29Page - Analog Devices LTM2883 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTM2883
26
2883fd
For more information www.linear.com/LTM2883
APPLICATIONS INFORMATION
Figure 15. LTM2883 Low EMI Demo Board Emissions
FREQUENCY (MHz)
0
–30
–20
0
10
20
600 700 800 900
60
2883 F15
–10
100 200 300 400 500
1000
30
40
50
DETECTOR = QuasiPeak
RBW = 120kHz
VBW = 300kHz
SWEEP TIME = 17s
# OF POINTS = 501
DC1748A-A
DC1748A-B
CISPR 22 CLASS B LIMIT
2883 F16
LTM2883-5I
5V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
1µF
K6
L8
L6
L1
K1
K2
SCL
µC
SDA
VCC
GND
VREF
LTC2301, ADC
SDA
VDD
GND
AD0
AD1
REFC
GND
IN–
IN+
12
10
11
1
2
7
9
8
6
5
GND
SCL
3
4
REF
LTC2631A-LM12, DAC
CA0 R_SEL
SCL
SDA
VOUT
GND
VCC
3
1
3
2
4
8
1
2
4
6
8
7
5
0.1µF
0.1µF
0.1µF
1µF
1.7k
1.7k
ON
DI1
DNC
O1
VL
VCC
GND
SDA
SDA2
GND
SCL
DNC
SCL2
AV+
V–
AV–
AVCC2
V+
–12.5V
12.5V
1.25V
2.5V F.S.
4V F.S.
2.5V
5V
VCC2
DO2
I2
DO1
I1
GND2
–
+
4
5
7
6
±10V OUT
0.1µF
12.5V
–12.5V
0.1µF
+
–
8
1
9
2
10
3
1/2 LTC2055
LT1991
G = 8
5
6
7
–
+
1/2 LTC2055
+
–
1µF
10µF
0.1µF
4
5
7
6
±10V IN
0.1µF
12.5V
–12.5V
0.1µF
8
1
9
2
10
3
LT1991
G = 0.2
Figure 16. Isolated I2C 12-Bit, ±10V Analog Input and Output
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com