Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM2883
Description  SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTM2883
10
2883fd
For more information www.linear.com/LTM2883
TYPICAL PERFORMANCE CHARACTERISTICS
V– Efficiency
V– Voltage and ICC Current
vs Load Current
VCC2 Transient Response
20mA Load Step
V+ Transient Response
20mA Load Step
V– Transient Response
20mA Load Step
V+ Efficiency
V+ Voltage and ICC Current
vs Load Current
TA = 25°C, LTM2883-3 VCC = 3.3V,
LTM2883-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
LOAD CURRENT (mA)
0
60
10
20
30
40
50
0
1.2
0.8
0.4
0.6
0.2
1.0
0
20
10
30
2883 G18
50
40
LTM2883-3, VCC = 3.3V
LTM2883-5, VCC = 5V
EFFICIENCY
POWER LOSS
ICC2 = I– = 0A
0
20
10
30
50
40
LOAD CURRENT (mA)
14
12
6
8
10
2
4
0
350
250
150
50
200
100
300
0
2883 G19
LTM2883-3, VCC = 3.3V
LTM2883-5, VCC = 5V
ICC2 = I– = 0A
VOLTAGE
ICC CURRENT
LOAD CURRENT (mA)
0
60
10
20
30
40
50
0
0.6
0.4
0.2
0.3
0.1
0.5
0
20
10
2883 G20
30
LTM2883-3, VCC = 3.3V
LTM2883-5, VCC = 5V
EFFICIENCY
POWER LOSS
LOAD CURRENT (mA)
0
–9.0
–12.5
–12.0
–11.5
–11.0
–10.0
–9.5
–10.5
–13.0
320
200
120
80
160
40
240
280
0
20
10
2883 G21
30
LTM2883-3, VCC = 3.3V
LTM2883-5, VCC = 5V
VOLTAGE
ICC CURRENT
100µs/DIV
VCC2
100mV/DIV
ICC2
10mA/DIV
2883 G22
100µs/DIV
V+
200mV/DIV
I+
10mA/DIV
2883 G23
100µs/DIV
V–
200mV/DIV
I–
10mA/DIV
2883 G24
I+ = 1.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com