Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 169 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 169 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 165Page - SMSC Corporation LAN9313 Datasheet HTML 166Page - SMSC Corporation LAN9313 Datasheet HTML 167Page - SMSC Corporation LAN9313 Datasheet HTML 168Page - SMSC Corporation LAN9313 Datasheet HTML 169Page - SMSC Corporation LAN9313 Datasheet HTML 170Page - SMSC Corporation LAN9313 Datasheet HTML 171Page - SMSC Corporation LAN9313 Datasheet HTML 172Page - SMSC Corporation LAN9313 Datasheet HTML 173Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
169
Revision 1.2 (04-08-08)
DATASHEET
13.1.4.6
Port x 1588 Clock Low-DWORD Transmit Capture Register (1588_CLOCK_LO_TX_CAPTURE_x)
Note:
The selection between Sync or Delay_Req packets is based on the corresponding
master/slave bit in the 1588 Configuration Register (1588_CONFIG).
Note:
There are multiple instantiations of this register, one for each port of the LAN9313/LAN9313i.
Refer to Section 13.1.4 for additional information.
Note:
For Port 0(External MII), receive is defined as data from the switch fabric, while transmit is to
the switch fabric.
Offset:
Port 1: 114h
Size:
32 bits
Port 2: 134h
Port 0: 154h
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Timestamp Low (TS_LO)
This field contains the low 32-bits of the timestamp taken on the
transmission of a 1588 Sync or Delay_Req packet.
RO
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com