Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 55 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 51Page - SMSC Corporation LAN9313 Datasheet HTML 52Page - SMSC Corporation LAN9313 Datasheet HTML 53Page - SMSC Corporation LAN9313 Datasheet HTML 54Page - SMSC Corporation LAN9313 Datasheet HTML 55Page - SMSC Corporation LAN9313 Datasheet HTML 56Page - SMSC Corporation LAN9313 Datasheet HTML 57Page - SMSC Corporation LAN9313 Datasheet HTML 58Page - SMSC Corporation LAN9313 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
55
Revision 1.2 (04-08-08)
DATASHEET
5.2.3
Ethernet PHY Interrupts
The Port 1 and Port 2 PHYs each provide a set of identical interrupt sources. The top-level PHY_INT1
(bit 26) and PHY_INT2 (bit 27) of the Interrupt Status Register (INT_STS) provides indication that a
PHY interrupt event occurre d i n the Port x PHY Interrupt Source Flags R egister
(PHY_INTERRUPT_SOURCE_x).
Port 1 and Port 2 PHY interrupts are enabled/disabled via their respective Port x PHY Interrupt Mask
Register (PHY_INTERRUPT_MASK_x). The source of a PHY interrupt can be determined and cleared
via the Port x PHY Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE_x). The Port 1 and
Port 2 PHYs are each capable of generating unique interrupts based on the following events:
ENERGYON Activated
Auto-Negotiation Complete
Remote Fault Detected
Link Down (Link Status Negated)
Auto-Negotiation LP Acknowledge
Parallel Detection Fault
Auto-Negotiation Page Received
In order for a Port 1 or Port 2 interrupt event to trigger the external IRQ interrupt pin, the desired PHY
interrupt event must be enabled in the corresponding Port x PHY Interrupt Mask Register
(PHY_INTERRUPT_MASK_x), the PHY_INT1(Port 1 PHY) and/or PHY_INT2(Port 2 PHY) bits of the
Interrupt Enable Register (INT_EN) must be set, and IRQ output must be enabled via bit 8 (IRQ_EN)
of the Interrupt Configuration Register (IRQ_CFG).
For additional details on the Ethernet PHY interrupts, refer to Section 7.2.8.1, "PHY Interrupts," on
page 96.
5.2.4
GPIO Interrupts
Each GPIO[11:0] of the LAN9313/LAN9313i is provided with its own interrupt. The top-level GPIO (bit
12) of the Interrupt Status Register (INT_STS) provides indication that a GPIO interrupt event occurred
in the General Purpose I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN). The General
Purpose I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN) provides enabling/disabling
and status of each GPIO[11:0] interrupt.
In order for a GPIO interrupt event to trigger the external IRQ interrupt pin, the desired GPIO interrupt
must be enabled in the General Purpose I/O Interrupt Stat us and Enable Regist er
(GPIO_INT_STS_EN), bit 12 (GPIO_EN) of the Interrupt Enable Register (INT_EN) must be set, and
IRQ output must be enabled via bit 8 (IRQ_EN) of the Interrupt Configuration Register (IRQ_CFG).
For additional details on the GPIO interrupts, refer to Section 12.2.2, "GPIO Interrupts," on page 143.
5.2.5
General Purpose Timer Interrupt
A General Purpose Timer (GPT) interrupt is provided in the top-level Interrupt Status Register
(INT_STS) and Interrupt Enable Register (INT_EN) (bit 19). This interrupt is issued when the General
Purpose Timer Configuration Register (GPT_CFG) wraps past zero to FFFFh, and is cleared when bit
19 of the Interrupt Status Register (INT_STS) is written with 1.
In order for a General Purpose Timer interrupt event to trigger the external IRQ interrupt pin, the GPT
must be enabled via the bit 29 (TIMER_EN) in the General Purpose Timer Configuration Register
(GPT_CFG), bit 19 of the Interrupt Enable Register (INT_EN) must be set, and IRQ output must be
enabled via bit 8 (IRQ_EN) of the Interrupt Configuration Register (IRQ_CFG).
For additional details on the General Purpose Timer, refer to Section 11.1, "General Purpose Timer,"
on page 141.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com