Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 65 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 65 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 61Page - SMSC Corporation LAN9313 Datasheet HTML 62Page - SMSC Corporation LAN9313 Datasheet HTML 63Page - SMSC Corporation LAN9313 Datasheet HTML 64Page - SMSC Corporation LAN9313 Datasheet HTML 65Page - SMSC Corporation LAN9313 Datasheet HTML 66Page - SMSC Corporation LAN9313 Datasheet HTML 67Page - SMSC Corporation LAN9313 Datasheet HTML 68Page - SMSC Corporation LAN9313 Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
65
Revision 1.2 (04-08-08)
DATASHEET
Total multicast packets (Section 13.3.2.37, on page 304)
Total packets with a late collision (Section 13.3.2.38, on page 305)
Total packets with excessive collisions (Section 13.3.2.39, on page 306)
Total packets with a single collision (Section 13.3.2.40, on page 307)
Total packets with multiple collisions (Section 13.3.2.41, on page 308)
Total collision count (Section 13.3.2.42, on page 309)
6.4
Switch Engine (SWE)
The switch engine (SWE) is a VLAN layer 2 (link layer) switching engine supporting 3 ports. The SWE
supports the following types of frame formats: untagged frames, VLAN tagged frames, and priority
tagged frames. The SWE supports both the 802.3 and Ethernet II frame formats.
The SWE provides the control for all forwarding/filtering rules. It handles the address learning and
aging, and the destination port resolution based upon the MAC address and VLAN of the packet. The
SWE implements the standard bridge port states for spanning tree and provides packet metering for
input rate control. It also implements port mirroring, broadcast throttling, and multicast pruning and
filtering. Packet priorities are supported based on the IPv4 TOS bits and IPv6 Traffic Class bits using
a DIFFSERV Table mapping, the non-DIFFSERV mapped IPv4 precedence bits, VLAN priority using
a per port Priority Regeneration Table, DA based static priority, and Traffic Class mapping to one of 4
QoS transmit priority queues.
The following sections detail the various features of the switch engine.
6.4.1
MAC Address Lookup Table
The Address Logic Resolution (ALR) maintains a 1024 entry MAC Address Table. The ALR searches
the table for the destination MAC address. If the search finds a match, the associated data is returned
indicating the destination port or ports, whether to filter the packet, the packets priority (used if
enabled), and whether to override the ingress and egress spanning tree port state. Figure 6.3 displays
the ALR table entry structure. Refer to the Switch Engine ALR Write Data 0 Register
(SWE_ALR_WR_DAT_0) and Switch Engine ALR Write Data 1 Register (SWE_ALR_WR_DAT_1) for
detailed descriptions of these bits.
Figure 6.3 ALR Table Entry Structure
55
Age /
Override
Valid
56
Static
54
Filter
53
Priority
52
51
Port
50
49
48
MAC Address
47
0
...
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com