Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 47 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 43Page - SMSC Corporation LAN9313 Datasheet HTML 44Page - SMSC Corporation LAN9313 Datasheet HTML 45Page - SMSC Corporation LAN9313 Datasheet HTML 46Page - SMSC Corporation LAN9313 Datasheet HTML 47Page - SMSC Corporation LAN9313 Datasheet HTML 48Page - SMSC Corporation LAN9313 Datasheet HTML 49Page - SMSC Corporation LAN9313 Datasheet HTML 50Page - SMSC Corporation LAN9313 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
47
Revision 1.2 (04-08-08)
DATASHEET
duplex_strap_1
Port 1 Duplex Select Strap: Configures the default value
for the Duplex Mode (PHY_DUPLEX) bit in the
PHY_BASIC_CTRL_1 register (See Section 13.2.2.1).
When configured low, half-duplex is selected. When
configured high, full-duplex is selected.
This strap also affects the default value of the following bits:
PHY_DUPLEX bit of the Port x PHY Basic Control
Register (PHY_BASIC_CONTROL_x)
10BASE-T Full Duplex (bit 6) of the Port x PHY Auto-
Negotiation Advertisement Register (PHY_AN_ADV_x)
MODE[2:0] bits of the Port x PHY Special Modes Register
(PHY_SPECIAL_MODES_x)
Refer to the respective register definition sections for
additional information.
DUPLEX_1
BP_EN_strap_1
Port 1 Backpressure Enable Strap: Configures the
default value for the Port 1 Backpressure Enable
(BP_EN_1) bit of the Port 1 Manual Flow Control Register
(MANUAL_FC_1). When configured low, backpressure is
disabled. When configured high, backpressure is enabled.
BP_EN_1
FD_FC_strap_1
Port 1 Full-Duplex Flow Control Enable Strap:
Configures the default value of the Port 1 Full-Duplex
Transmit Flow Control Enable (TX_FC_1) and Port 1 Full-
Duplex Receive Flow Control Enable (RX_FC_1) bits in the
Port 1 Manual Flow Control Register (MANUAL_FC_1),
which are used when manual full-duplex control is selected.
When configured low, full-duplex Pause packet detection
and generation are disabled. When configured high, full-
duplex Pause packet detection and generation are enabled.
FD_FC_1
manual_FC_strap_1
Port 1 Manual Flow Control Enable Strap: Configures the
default value of the Port 1 Full-Duplex Manual Flow Control
Select (MANUAL_FC_1) bit in the Port 1 Manual Flow
Control Register (MANUAL_FC_1). When configured low,
flow control is determined by auto-negotiation (if enabled),
and symmetric PAUSE is advertised (bit 10 of the Port x
PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x) is set).
When configured high, flow control is determined by the
Port 1 Full-Duplex Transmit Flow Control Enable
(TX_FC_1) and Port 1 Full-Duplex Receive Flow Control
Enable (RX_FC_1) bits, and symmetric PAUSE is not
advertised (bit 10 of the Port x PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x) is cleared).
MANUAL_FC_1
auto_mdix_strap_2
Port 2 Auto-MDIX Enable Strap: Configures the default
value for the Auto-MDIX functionality on Port 2 when the
AMDIXCTL bit in the Port x PHY Special Control/Status
Indication Register
(PHY_SPECIAL_CONTROL_STAT_IND_x) is cleared.
When configured low, Auto-MDIX is disabled. When
configured high, Auto-MDIX is enabled.
Note:
If AMDIXCTL is set, this strap had no effect.
AUTO_MDIX_2
manual_mdix_strap_2
Port 2 Manual MDIX Strap: Configures MDI(0) or MDIX(1)
for Port 2 when the auto_mdix_strap_2 is low and the
AMDIXCTL bit of the Port x PHY Special Control/Status
Indication Register
(PHY_SPECIAL_CONTROL_STAT_IND_x) is cleared.
0b
Table 4.2 Soft-Strap Configuration Strap Definitions (continued)
STRAP NAME
DESCRIPTION
PIN / DEFAULT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com