Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 19 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 15Page - SMSC Corporation LAN9313 Datasheet HTML 16Page - SMSC Corporation LAN9313 Datasheet HTML 17Page - SMSC Corporation LAN9313 Datasheet HTML 18Page - SMSC Corporation LAN9313 Datasheet HTML 19Page - SMSC Corporation LAN9313 Datasheet HTML 20Page - SMSC Corporation LAN9313 Datasheet HTML 21Page - SMSC Corporation LAN9313 Datasheet HTML 22Page - SMSC Corporation LAN9313 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 398 page
background image
2.2
Block Diagram
Figure 2.1 Internal LAN9313/LAN9313i Block Diagram
To optional EEPROM
(via I
2C/Microwire master)
EEPROM Controller
I
2C (master)
Microwire (master)
EEPROM Loader
Register
Access
MUX
SMI (slave)
Controller
SPI (slave)
I
2C (slave)
Controller
System
Registers
(CSRs)
MII
Mode
MUX
SPI/I
2C
MDIO
MDIO
MII
To optional PHY, MAC,
or SMI Master
Management Mode
Configuration Straps
MDIO
MII
PHY Management
Interface (PMI)
MDIO
IEEE 1588
Time Stamp
Registers
Virtual PHY
10/100
PHY
Registers
10/100
PHY
Registers
Switch
Registers
(CSRs)
IEEE 1588
Time Stamp
IEEE 1588
Time Stamp
Switch Fabric
Switch Engine
Buffer Manager
Search
Engine
Frame
Buffers
MII
MDIO
MII
MDIO
To Ethernet
To Ethernet
LAN9313/LAN9313i
GPIO/LED
Controller
IEEE 1588
Time Stamp
Clock/Events
To optional GPIOs/LEDs
System
Interrupt
Controller
IRQ
GP Timer
Free-Run
Clk
System
Clocks/
Reset/PME
Controller
External
25MHz Crystal
To optional CPU
serial management
(via I
2C/SPI slave)
I
2C/Microwire
10/100
MAC
10/100
MAC
10/100
MAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com