Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 90 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 90 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 86Page - SMSC Corporation LAN9313 Datasheet HTML 87Page - SMSC Corporation LAN9313 Datasheet HTML 88Page - SMSC Corporation LAN9313 Datasheet HTML 89Page - SMSC Corporation LAN9313 Datasheet HTML 90Page - SMSC Corporation LAN9313 Datasheet HTML 91Page - SMSC Corporation LAN9313 Datasheet HTML 92Page - SMSC Corporation LAN9313 Datasheet HTML 93Page - SMSC Corporation LAN9313 Datasheet HTML 94Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
90
SMSC LAN9313/LAN9313i
DATASHEET
7.2.2.3
NRZI and MLT-3 Decoding
The DSP generates the MLT-3 recovered levels that are fed to the MLT-3 converter. The MLT-3 is then
converted to an NRZI data stream.
7.2.2.4
Descrambler and SIPO
The descrambler performs an inverse function to the scrambler in the transmitter and also performs
the Serial In Parallel Out (SIPO) conversion of the data.
During reception of IDLE (/I/) symbols. the descrambler synchronizes its descrambler key to the
incoming stream. Once synchronization is achieved, the descrambler locks on this key and is able to
descramble incoming data.
Special logic in the descrambler ensures synchronization with the remote PHY by searching for IDLE
symbols within a window of 4000 bytes (40us). This window ensures that a maximum packet size of
1514 bytes, allowed by the IEEE 802.3 standard, can be received with no interference. If no IDLE-
symbols are detected within this time-period, receive operation is aborted and the descrambler re-starts
the synchronization process.
The de-scrambled signal is then aligned into 5-bit code-groups by recognizing the /J/K/ Start-of-Stream
Delimiter (SSD) pair at the start of a packet. Once the code-word alignment is determined, it is stored
and utilized until the next start of frame.
7.2.2.5
5B/4B Decoding
The 5-bit code-groups are translated into 4-bit data nibbles according to the 4B/5B table shown in
Table 7.2. The translated data is presented on the internal MII RXD[3:0] signal lines to the switch fabric
MAC. The SSD, /J/K/, is translated to “0101 0101” as the first 2 nibbles of the MAC preamble.
Reception of the SSD causes the PHY to assert the RXDV signal, indicating that valid data is available
on the RXD bus. Successive valid code-groups are translated to data nibbles. Reception of either the
End of Stream Delimiter (ESD) consisting of the /T/R/ symbols, or at least two /I/ symbols causes the
PHY to de-assert carrier sense and RXDV. These symbols are not translated into data.
7.2.2.6
Receiver Errors
During a frame, unexpected code-groups are considered receive errors. Expected code groups are the
DATA set (0 through F), and the /T/R/ (ESD) symbol pair. When a receive error occurs, the internal
MII’s RXER signal is asserted and arbitrary data is driven onto the internal receive data bus (RXD) to
the switch fabric MAC. Should an error be detected during the time that the /J/K/ delimiter is being
decoded (bad SSD error), RXER is asserted and the value 1110b is driven onto the internal receive
data bus (RXD) to the switch fabric MAC. Note that the internal MII’s data valid signal (RXDV) is not
yet asserted when the bad SSD occurs.
7.2.2.7
MII MAC Interface
For reception, the 4-bit data nibbles are sent to the MII MAC Interface block where they are sent via
MII to the switch fabric MAC. The MII MAC Interface is described in detail in Section 7.2.7, "MII MAC
Interface".
Note:
The PHY is connected to the switch fabric MAC via standard MII signals. Refer to the IEEE
802.3 specification for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com