Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 80 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 80 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 76Page - SMSC Corporation LAN9313 Datasheet HTML 77Page - SMSC Corporation LAN9313 Datasheet HTML 78Page - SMSC Corporation LAN9313 Datasheet HTML 79Page - SMSC Corporation LAN9313 Datasheet HTML 80Page - SMSC Corporation LAN9313 Datasheet HTML 81Page - SMSC Corporation LAN9313 Datasheet HTML 82Page - SMSC Corporation LAN9313 Datasheet HTML 83Page - SMSC Corporation LAN9313 Datasheet HTML 84Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
80
SMSC LAN9313/LAN9313i
DATASHEET
6.5.5
Egress Rate Limiting (Leaky Bucket)
For egress rate limiting, the leaky bucket algorithm is used on each output priority queue. For each
output port, the bandwidth that is used by each priority queue can be limited. If any egress queue
receives packets faster than the specified egress rate, packets will be accumulated in the packet
memory. After the memory is used, packet dropping or flow control will be triggered.
Note: Egress rate limiting occurs before the Transmit Priority Queue Servicing, such that a lower
priority queue will be serviced if a higher priority queue is being rate limited.
The egress limiting is enabled per priority queue. After a packet is selected to be sent, its length is
recorded. The switch then waits a programmable amount of time, scaled by the packet length, before
servicing that queue once again. The amount of time per byte is programmed into the Buffer Manager
Egress Rate registers (refer to Section 13.3.4.14 through Section 13.3.4.19 for detailed register
definitions). The value programmed is in approximately 20 nS per byte increments. Typical values are
listed in Table 6.5. When a port is transmitting at 10 Mbps, any setting above 39 has the effect of not
limiting the rate.
Note 6.3
These are the unlimited max bandwidths when IFG and preamble are taken into account.
6.5.6
Adding, Removing, and Changing VLAN Tags
Based on the port configuration and the received packet formation, a VLAN tag can be added to,
removed from, or modified in a packet. There are four received packet type cases: non-tagged, priority-
tagged, normal-tagged, and CPU special-tagged. There are also four possible settings for an egress
port: dumb, access, hybrid, and CPU. In addition, each VLAN table entry can specify the removal of
the VLAN tag (the entry’s un-tag bit).
Table 6.5 Typical Egress Rate Settings
EGRESS RATE
SETTING
TIME PER BYTE
BANDWIDTH @
64 BYTE PACKET
BANDWIDTH @
512 BYTE PACKET
BANDWIDTH @
1518 BYTE PACKET
0-3
80 nS
76 Mbps (Note 6.3)
96 Mbps (Note 6.3)99 Mbps (Note 6.3)
4
100 nS
66 Mbps
78 Mbps
80 Mbps
5
120 nS
55 Mbps
65 Mbps
67 Mbps
6
140 nS
48 Mbps
56 Mbps
57 Mbps
7
160 nS
42 Mbps
49 Mbps
50 Mbps
9
200 nS
34 Mbps
39 Mbps
40 Mbps
12
260 nS
26 Mbps
30 Mbps
31 Mbps
19
400 nS
17 Mbps
20 Mbps
20 Mbps
39
800 nS
8.6 Mbps
10 Mbps
10 Mbps
78
1580 nS
4.4 Mbps
5 Mbps
5 Mbps
158
3180 nS
2.2 Mbps
2.5 Mbps
2.5 Mbps
396
7940 nS
870 Kbps
990 Kbps
1 Mbps
794
15900 nS
440 Kbps
490 Kbps
500 Kbps
1589
31800 nS
220 Kbps
250 Kbps
250 Kbps
3973
79480 nS
87 Kbps
98 Kbps
100 Kbps
7947
158960 nS
44 Kbps
49 Kbps
50 Kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com