Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 92 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 92 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 88Page - SMSC Corporation LAN9313 Datasheet HTML 89Page - SMSC Corporation LAN9313 Datasheet HTML 90Page - SMSC Corporation LAN9313 Datasheet HTML 91Page - SMSC Corporation LAN9313 Datasheet HTML 92Page - SMSC Corporation LAN9313 Datasheet HTML 93Page - SMSC Corporation LAN9313 Datasheet HTML 94Page - SMSC Corporation LAN9313 Datasheet HTML 95Page - SMSC Corporation LAN9313 Datasheet HTML 96Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
92
SMSC LAN9313/LAN9313i
DATASHEET
(PHY_SPECIAL_CONTROL_STAT_IND_x). The 10M PLL locks onto the received Manchester signal
and generates the received 20MHz clock from it. Using this clock, the Manchester encoded data is
extracted and converted to a 10MHz NRZI data stream. It is then converted from serial to 4-bit wide
parallel data.
The RX10M block also detects valid 10BASE-T IDLE signals - Normal Link Pulses (NLPs) - to maintain
the link.
7.2.4.3
MII MAC Interface
For reception, the 4-bit data nibbles are sent to the MII MAC Interface block where they are sent via
MII to the switch fabric MAC. The MII MAC Interface is described in detail in Section 7.2.7, "MII MAC
Interface".
Note:
The PHY is connected to the switch fabric MAC via standard MII signals. Refer to the IEEE
802.3 specification for additional details.
7.2.4.4
Jabber Detection
Jabber is a condition in which a station transmits for a period of time longer than the maximum
permissible packet length, usually due to a fault condition, that results in holding the TXEN input for
an extended period of time. Special logic is used to detect the jabber state and abort the transmission
to the line, within 45ms. Once TXEN is deasserted, the logic resets the jabber condition.
7.2.5
PHY Auto-negotiation
The purpose of the auto-negotiation function is to automatically configure the PHY to the optimum link
parameters based on the capabilities of its link partner. Auto-negotiation is a mechanism for
exchanging configuration information between two link-partners and automatically selecting the highest
performance mode of operation supported by both sides. Auto-negotiation is fully defined in clause 28
of the IEEE 802.3 specification and is enabled by setting bit 12 (PHY_AN) of the Port x PHY Basic
Control Register (PHY_BASIC_CONTROL_x).
The advertised capabilities of the PHY are stored in the Port x PHY Auto-Negotiation Advertisement
Register (PHY_AN_ADV_x). The PHY contains the ability to advertise 100BASE-TX and 10BASE-T in
both full or half-duplex modes. Besides the connection speed, the PHY can advertise remote fault
indication and symmetric or asymmetric pause flow control as defined in the IEEE 802.3 specification.
The LAN9313/LAN9313i does not support “Next Page” capability. Many of the default advertised
capabilities of the PHY are determined via configuration straps as shown in Section 13.2.2.5, "Port x
PHY Auto-Negotiation Advertisement Register (PHY_AN_ADV_x)," on page 239. Refer to Section
4.2.4, "Configuration Straps," on page 45 for additional details on how to use the LAN9313/LAN9313i
configuration straps.
Once auto-negotiation has completed, information about the resolved link and the results of the
negotiation process are reflected in the speed indication bits in the Port x PHY Special Control/Status
Register (PHY_SPECIAL_CONTROL_STATUS_x), as well as the Port x PHY Auto-Negotiation Link
Partner Base Page Ability Register (PHY_AN_LP_BASE_ABILITY_x).
The auto-negotiation protocol is a purely physical layer activity and proceeds independently of the MAC
controller.
The following blocks are activated during an Auto-negotiation session:
Auto-negotiation (digital)
100M ADC (analog)
100M PLL (analog)
100M equalizer/BLW/clock recovery (DSP)
10M SQUELCH (analog)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com