Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 86 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 86 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 82Page - SMSC Corporation LAN9313 Datasheet HTML 83Page - SMSC Corporation LAN9313 Datasheet HTML 84Page - SMSC Corporation LAN9313 Datasheet HTML 85Page - SMSC Corporation LAN9313 Datasheet HTML 86Page - SMSC Corporation LAN9313 Datasheet HTML 87Page - SMSC Corporation LAN9313 Datasheet HTML 88Page - SMSC Corporation LAN9313 Datasheet HTML 89Page - SMSC Corporation LAN9313 Datasheet HTML 90Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
86
SMSC LAN9313/LAN9313i
DATASHEET
7.2.1
100BASE-TX Transmit
The 100BASE-TX transmit data path is shown in Figure 7.2. Shaded blocks are those which are
internal to the PHY. Each major block is explained in the following sections.
7.2.1.1
MII MAC Interface
For a transmission, the switch fabric MAC drives the transmit data to the PHYs MII MAC Interface.
The MII MAC Interface is described in detail in Section 7.2.7, "MII MAC Interface".
Note: The PHY is connected to the switch fabric MAC via standard MII signals. Refer to the IEEE
802.3 specification for additional details.
7.2.1.2
4B/5B Encoder
The transmit data passes from the MII block to the 4B/5B Encoder. This block encodes the data from
4-bit nibbles to 5-bit symbols (known as “code-groups”) according to Table 7.2. Each 4-bit data-nibble
is mapped to 16 of the 32 possible code-groups. The remaining 16 code-groups are either used for
control information or are not valid.
The first 16 code-groups are referred to by the hexadecimal values of their corresponding data nibbles,
0 through F. The remaining code-groups are given letter designations with slashes on either side. For
example, an IDLE code-group is /I/, a transmit error code-group is /H/, etc.
Figure 7.2 100BASE-TX Transmit Data Path
Port x
MAC
100M
TX Driver
MLT-3
Converter
NRZI
Converter
4B/5B
Encoder
Magnetics
CAT-5
RJ45
100M
PLL
Internal
MII 25 MHz by 4 bits
Internal
MII Transmit Clock
25MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
MLT-3
Scrambler
and PISO
125 Mbps Serial
MII MAC
Interface
25MHz
by 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com