Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 91 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 91 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 87Page - SMSC Corporation LAN9313 Datasheet HTML 88Page - SMSC Corporation LAN9313 Datasheet HTML 89Page - SMSC Corporation LAN9313 Datasheet HTML 90Page - SMSC Corporation LAN9313 Datasheet HTML 91Page - SMSC Corporation LAN9313 Datasheet HTML 92Page - SMSC Corporation LAN9313 Datasheet HTML 93Page - SMSC Corporation LAN9313 Datasheet HTML 94Page - SMSC Corporation LAN9313 Datasheet HTML 95Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
91
Revision 1.2 (04-08-08)
DATASHEET
7.2.3
10BASE-T Transmit
Data to be transmitted comes from the switch fabric MAC. The 10BASE-T transmitter receives 4-bit
nibbles from the internal MII at a rate of 2.5MHz and converts them to a 10Mbps serial data stream.
The data stream is then Manchester-encoded and sent to the analog transmitter, which drives a signal
onto the twisted pair via the external magnetics.
10BASE-T transmissions use the following blocks:
MII MAC Interface (digital)
10M TX Driver (digital/analog)
10M PLL (analog)
7.2.3.1
MII MAC Interface
For a transmission, the switch fabric MAC drives the transmit data to the PHYs MII MAC Interface.
The MII MAC Interface is described in detail in Section 7.2.7, "MII MAC Interface".
Note:
The PHY is connected to the switch fabric MAC via standard MII signals. Refer to the IEEE
802.3 specification for additional details.
7.2.3.2
10M TX Driver and PLL
The 4-bit wide data is sent to the 10M TX Driver block. The nibbles are converted to a 10Mbps serial
NRZI data stream. The 10M PLL locks onto the external clock or internal oscillator and produces a
20MHz clock. This is used to Manchester encode the NRZ data stream. When no data is being
transmitted (TXEN is low), the 10M TX Driver block outputs Normal Link Pulses (NLPs) to maintain
communications with the remote link partner. The manchester encoded data is sent to the analog
transmitter where it is shaped and filtered before being driven out as a differential signal across the
TXPx and TXNx outputs (where “x” is replaced with “1” for the Port 1 PHY, or “2” for the Port 2 PHY).
7.2.4
10BASE-T Receive
The 10BASE-T receiver gets the Manchester-encoded analog signal from the cable via the magnetics.
It recovers the receive clock from the signal and uses this clock to recover the NRZI data stream. This
10M serial data is converted to 4-bit data nibbles which are passed to the controller across the internal
MII at a rate of 2.5MHz.
10BASE-T reception uses the following blocks:
Filter and SQUELCH (analog)
10M RX (digital/analog)
MII MAC Interface (digital)
10M PLL (analog)
7.2.4.1
Filter and Squelch
The Manchester signal from the cable is fed into the PHY on inputs RXPx and RXNx (where “x” is
replaced with “1” for Port 1, or “2” for Port 2) via 1:1 ratio magnetics. It is first filtered to reduce any
out-of-band noise. It then passes through a SQUELCH circuit. The SQUELCH is a set of amplitude
and timing comparators that normally reject differential voltage levels below 300mV and detect and
recognize differential voltages above 585mV.
7.2.4.2
10M RX and PLL
The output of the SQUELCH goes to the 10M RX block where it is validated as Manchester encoded
data. The polarity of the signal is also checked. If the polarity is reversed (local RXP is connected to
RXN of the remote partner and vice versa), then this is identified and corrected. The reversed condition
is indicated by the flag “XPOL“, bit 4 in Port x PHY Special Control/Status Indication Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com