Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 94 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 94 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 90Page - SMSC Corporation LAN9313 Datasheet HTML 91Page - SMSC Corporation LAN9313 Datasheet HTML 92Page - SMSC Corporation LAN9313 Datasheet HTML 93Page - SMSC Corporation LAN9313 Datasheet HTML 94Page - SMSC Corporation LAN9313 Datasheet HTML 95Page - SMSC Corporation LAN9313 Datasheet HTML 96Page - SMSC Corporation LAN9313 Datasheet HTML 97Page - SMSC Corporation LAN9313 Datasheet HTML 98Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
94
SMSC LAN9313/LAN9313i
DATASHEET
7.2.5.1
PHY Pause Flow Control
The Port 1 & 2 PHYs are capable of generating and receiving pause flow control frames per the IEEE
802.3 specification. The PHYs advertised pause flow control abilities are set via bits 10 (Symmetric
Pause) and 11 (Asymmetric Pause) of the Port x PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x). This allows the PHY to advertise its flow control abilities and auto-negotiate the
flow control settings with its link partner. The default values of these bits are determined via
configuration straps as defined in Section 13.2.2.5, "Port x PHY Auto-Negotiation Advertisement
Register (PHY_AN_ADV_x)," on page 239.
The pause flow control settings may also be manually set via the manual flow control registers Port 1
Manual Flow Control Register (MANUAL_FC_1) and Port 2 Manual Flow Control Register
(MANUAL_FC_2). These registers allow the switch fabric ports flow control settings to be manually set
when auto-negotiation is disabled or the Manual Flow Control Select bit 0 is set. The currently enabled
duplex and flow control settings can also be monitored via these registers. The flow control values in
the Port x PHY Auto-Negotiation Advertisement Register (PHY_AN_ADV_x) are not affected by the
values of the manual flow control register. Refer to Section 6.2.3, "Flow Control Enable Logic," on
page 60 for additional information.
7.2.5.2
Parallel Detection
If the LAN9313/LAN9313i is connected to a device lacking the ability to auto-negotiate (i.e. no FLPs
are detected), it is able to determine the speed of the link based on either 100M MLT-3 symbols or
10M Normal Link Pulses. In this case the link is presumed to be half-duplex per the IEEE 802.3
standard. This ability is known as “Parallel Detection.” This feature ensures interoperability with legacy
link partners. If a link is formed via parallel detection, then bit 0 in the Port x PHY Auto-Negotiation
Expansion Register (PHY_AN_EXP_x) is cleared to indicate that the link partner is not capable of auto-
negotiation. If a fault occurs during parallel detection, bit 4 of the Port x PHY Auto-Negotiation
Expansion Register (PHY_AN_EXP_x) is set.
The
Port
x
PHY
Auto-Negotiation
Link
Partne r
Base
Page
Ability
Register
(PHY_AN_LP_BASE_ABILITY_x) is used to store the Link Partner Ability information, which is coded
in the received FLPs. If the link partner is not auto-negotiation capable, then this register is updated
after completion of parallel detection to reflect the speed capability of the link partner.
7.2.5.3
Restarting Auto-Negotiation
Auto-negotiation can be re-started at any time by setting bit 9 of the Port x PHY Basic Control Register
(PHY_BASIC_CONTROL_x). Auto-negotiation will also re-start if the link is broken at any time. A
broken link is caused by signal loss. This may occur because of a cable break, or because of an
interruption in the signal transmitted by the Link Partner. Auto-negotiation resumes in an attempt to
determine the new link configuration.
If the management entity re-starts Auto-negotiation by writing to bit 9 of the Port x PHY Basic Control
Register (PHY_BASIC_CONTROL_x), the LAN9313/LAN9313i will respond by stopping all
transmission/receiving operations. Once the internal break link time of approximately 1200ms has
passed in the Auto-negotiation state-machine, the auto-negotiation will re-start. In this case, the link
partner will have also dropped the link due to lack of a received signal, so it too will resume auto-
negotiation.
7.2.5.4
Disabling Auto-Negotiation
Auto-negotiation can be disabled by clearing bit 12 of the Port x PHY Basic Control Register
(PHY_BASIC_CONTROL_x). The PHY will then force its speed of operation to reflect the speed (bit
13) and duplex (bit 8) of the Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x). The
speed and duplex bits in the Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x) should
be ignored when auto-negotiation is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com