Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 84 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 84 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 80Page - SMSC Corporation LAN9313 Datasheet HTML 81Page - SMSC Corporation LAN9313 Datasheet HTML 82Page - SMSC Corporation LAN9313 Datasheet HTML 83Page - SMSC Corporation LAN9313 Datasheet HTML 84Page - SMSC Corporation LAN9313 Datasheet HTML 85Page - SMSC Corporation LAN9313 Datasheet HTML 86Page - SMSC Corporation LAN9313 Datasheet HTML 87Page - SMSC Corporation LAN9313 Datasheet HTML 88Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
84
SMSC LAN9313/LAN9313i
DATASHEET
Chapter 7 Ethernet PHYs
7.1
Functional Overview
The LAN9313/LAN9313i contains three PHYs: Port 1 PHY, Port 2 PHY and a Virtual PHY. The Port 1
& 2 PHYs are identical in functionality and each connect their corresponding Ethernet signal pins to
the switch fabric MAC of their respective port. These PHYs interface with their respective MAC via an
internal MII interface. The Virtual PHY provides the virtual functionality of a PHY and allows connection
of an external MAC to port 0 of the switch fabric as if it was connected to a single port PHY. All PHYs
comply with the IEEE 802.3 Physical Layer for Twisted Pair Ethernet and can be configured for full/half
duplex 100 Mbps (100BASE-TX) or 10Mbps (10BASE-T) Ethernet operation. All PHY registers follow
the IEEE 802.3 (clause 22.2.4) specified MII management register set and can be configured indirectly
via the external MII interface signals, or directly via the memory mapped Virtual PHY registers. In
addition, the Port 1 PHY and Port 2 PHY can be configured via the PHY Management Interface (PMI).
Refer to Section 13.2, "Ethernet PHY Control and Status Registers" for details on the Ethernet PHY
registers.
The LAN9313/LAN9313i Ethernet PHYs are discussed in detail in the following sections:
Section 7.2, "Port 1 & 2 PHYs," on page 85
Section 7.3, "Virtual PHY," on page 98
7.1.1
PHY Addressing
Each individual PHY is assigned a unique default PHY address via the phy_addr_sel_strap
configuration strap as shown in Table 7.1. In addition, the Port 1 PHY and Port 2 PHY addresses can
be changed via the PHY Address (PHYADD) field in the Port x PHY Special Modes Register
(PHY_SPECIAL_MODES_x). For proper operation, all LAN9313/LAN9313i PHY addresses must be
unique. No check is performed to assure each PHY is set to a different address. Configuration strap
values are latched upon the de-assertion of a chip-level reset as described in Section 4.2.4,
"Configuration Straps," on page 45.
Table 7.1 Default PHY Serial MII Addressing
PHY_ADDR_SEL_STRAP
VIRTUAL PHY DEFAULT
ADDRESS VALUE
PORT 1 PHY DEFAULT
ADDRESS VALUE
PORT 2 PHY DEFAULT
ADDRESS VALUE
00
1
2
11
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com