Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 37 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 33Page - SMSC Corporation LAN9313 Datasheet HTML 34Page - SMSC Corporation LAN9313 Datasheet HTML 35Page - SMSC Corporation LAN9313 Datasheet HTML 36Page - SMSC Corporation LAN9313 Datasheet HTML 37Page - SMSC Corporation LAN9313 Datasheet HTML 38Page - SMSC Corporation LAN9313 Datasheet HTML 39Page - SMSC Corporation LAN9313 Datasheet HTML 40Page - SMSC Corporation LAN9313 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
37
Revision 1.2 (04-08-08)
DATASHEET
Note 3.9
Configuration strap values are latched on power-on reset or nRST de-assertion.
Configuration strap pins are identified by an underlined symbol name. Some configuration
straps can be overridden by values from the EEPROM Loader. Refer to Section 4.2.4,
"Configuration Straps," on page 45 for more information.
Note 3.10 In MAC mode, this strap is not used. In this mode, the Virtual PHY is not applicable, and
full-duplex flow control must be controlled manually by the host, based upon the external
PHYs Auto-negotiation results.
Note 3.11
The IS buffer type is valid only during the time specified in Section 14.5.2, "Reset and
Configuration Strap Timing," on page 390.
Note 3.12 Configuration strap values are latched on power-on reset or nRST de-assertion.
Configuration strap pins are identified by an underlined symbol name. Refer to Section
4.2.4, "Configuration Straps," on page 45 for more information.
Table 3.6 EEPROM Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
96
EEPROM
Microwire
Data Input
EEDI
IS
(PD)
EEPROM Microwire Data Input (EEDI): In
Microwire EEPROM mode (EEPROM_TYPE = 0),
this pin is the Microwire EEPROM serial data input.
EEPROM I2C
Serial Data
Input/Output
EE_SDA
IS/OD8
EEPROM I2C Serial Data Input/Output
(EE_SDA): In I2C EEPROM mode
(EEPROM_TYPE = 1), this pin is the I2C EEPROM
serial data input/output.
98
EEPROM
Microwire
Data Output
EEDO
O8
EEPROM Microwire Data Output: In Microwire
EEPROM mode (EEPROM_TYPE = 0), this pin is
the Microwire EEPROM serial data output.
Note:
In I2C mode (EEPROM_TYPE=1), this pin
is not used and is driven low.
EEPROM
Type Strap
EEPROM_TYPE
IS
Note 3.11
EEPROM Type Strap: Configures the EEPROM
type. See Note 3.12
0 = Microwire Mode
1 = I2C Mode
99
EEPROM
Microwire
Serial Clock
EECLK
O8
EEPROM Microwire Serial Clock (EECLK): In
Microwire EEPROM mode (EEPROM_TYPE = 0),
this pin is the Microwire EEPROM clock output.
EEPROM I2C
Serial Clock
EE_SCL
IS/OD8
EEPROM I2C Serial Clock (EE_SCL): In I2C
EEPROM mode (EEPROM_TYPE=1), this pin is
the I2C EEPROM clock input/open-drain output.
EEPROM
Size Strap 1
EEPROM_SIZE_1
IS
Note 3.13
EEPROM Size Strap 1: Configures the high bit of
the EEPROM size range as specified in Section
8.2, "I2C/Microwire Master EEPROM Controller,"
on page 101. This bit is not used for I2C
EEPROMs. See Note 3.12.
101
EEPROM
Microwire
Chip Select
EECS
O8
EEPROM Microwire Chip Select: In Microwire
EEPROM mode (EEPROM_TYPE = 0), this pin is
the Microwire EEPROM chip select output.
Note:
In I2C mode (EEPROM_TYPE=1), this pin
is not used and is driven low.
EEPROM
Size Strap 0
EEPROM_SIZE_0
IS
Note 3.11
EEPROM Size Strap 0: Configures the low bit of
the EEPROM size range as specified in Section
8.2, "I2C/Microwire Master EEPROM Controller,"
on page 101. See Note 3.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com