Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 78 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 78 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 74Page - SMSC Corporation LAN9313 Datasheet HTML 75Page - SMSC Corporation LAN9313 Datasheet HTML 76Page - SMSC Corporation LAN9313 Datasheet HTML 77Page - SMSC Corporation LAN9313 Datasheet HTML 78Page - SMSC Corporation LAN9313 Datasheet HTML 79Page - SMSC Corporation LAN9313 Datasheet HTML 80Page - SMSC Corporation LAN9313 Datasheet HTML 81Page - SMSC Corporation LAN9313 Datasheet HTML 82Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
78
SMSC LAN9313/LAN9313i
DATASHEET
Note: When specifying Port 0 as the destination port, the VID will be set to 0. A VID of 0 is normally
considered a priority tagged packet. Such a packet will be filtered if Admit Only VLAN is set
on the host CPU port. Either avoid setting Admit Only VLAN on the host CPU port or set an
unused bit in the VID field.
Note: The maximum size tagged packet that can normally be sent into a switch port (from the MII
port) is 1522 bytes. Since the special tag consumes four bytes of the packet length, the
outgoing packet is limited to 1518 bytes, even if it contains a regular VLAN tag as part of the
packet data. If a larger outgoing packet is required, the Jumbo2K bit in the Port x MAC Receive
Configuration Register (MAC_RX_CFG_x) of Port 0 should be set.
6.4.10.2
Packets to the Host CPU
The Buffer Manager Egress Port Type Register (BM_EGRSS_PORT_TYPE) configures the switch to
add the special VLAN tag in packets to the host CPU as a source port indicator. A setting of 11b should
be used only on the port that is connected to the host CPU (typically Port 0). Other settings can be
used on the normal network ports as needed.
The special VLAN tag is a normal VLAN tag where bits 0 and 1 of the VID field specify the source
port (0, 1, or 2).
Upon egress from the host CPU port, the special tag is added. If a regular VLAN tag already exists,
it is not deleted. Instead it will follow the special tag.
6.4.11
Counters
A counter is maintained per port that contains the number of MAC address that were not learned or
were overwritten by a different address due to MAC Address Table space limitations. These counters
are accessible via the following registers:
Switch Engine Port 0 Learn Discard Count Register (SWE_LRN_DISCRD_CNT_MII)
Switch Engine Port 1 Learn Discard Count Register (SWE_LRN_DISCRD_CNT_1)
Switch Engine Port 2 Learn Discard Count Register (SWE_LRN_DISCRD_CNT_2)
A counter is maintained per port that contains the number of packets filtered at ingress. This count
includes packets filtered due to broadcast throttling, but does not include packets dropped due to
ingress rate limiting. These counters are accessible via the following registers:
Switch Engine Port 0 Ingress Filtered Count Register (SWE_FILTERED_CNT_MII)
Switch Engine Port 1 Ingress Filtered Count Register (SWE_FILTERED_CNT_1)
Switch Engine Port 2 Ingress Filtered Count Register (SWE_FILTERED_CNT_2)
6.5
Buffer Manager (BM)
The buffer manager (BM) provides control of the free buffer space, the multiple priority transmit
queues, transmission scheduling, and packet dropping. VLAN tag insertion and removal is also
performed by the buffer manager. The following sections detail the various features of the buffer
manager.
6.5.1
Packet Buffer Allocation
The packet buffer consists of 32KB of RAM that is dynamically allocated in 128 byte blocks as packets
are received. Up to 16 blocks may be used per packet, depending on the packet length. The blocks
are linked together as the packet is received. If a packet is filtered, dropped, or contains a receive
error, the buffers are reclaimed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com