Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 48 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 44Page - SMSC Corporation LAN9313 Datasheet HTML 45Page - SMSC Corporation LAN9313 Datasheet HTML 46Page - SMSC Corporation LAN9313 Datasheet HTML 47Page - SMSC Corporation LAN9313 Datasheet HTML 48Page - SMSC Corporation LAN9313 Datasheet HTML 49Page - SMSC Corporation LAN9313 Datasheet HTML 50Page - SMSC Corporation LAN9313 Datasheet HTML 51Page - SMSC Corporation LAN9313 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
48
SMSC LAN9313/LAN9313i
DATASHEET
autoneg_strap_2
Port 2 Auto Negotiation Enable Strap: Configures the
default value for the Auto-Negotiation (PHY_AN) enable bit
in the PHY_BASIC_CTRL_2 register (See
Section 13.2.2.1). When configured low, auto-negotiation is
disabled. When configured high, auto-negotiation is
enabled.
This strap also affects the default value of the following bits:
PHY_SPEED_SEL_LSB and PHY_DUPLEX bits of the
Port x PHY Basic Control Register
(PHY_BASIC_CONTROL_x)
10BASE-T Full Duplex (bit 6) and 10BASE-T Half Duplex
(bit 5) bits of the Port x PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x)
MODE[2:0] bits of the Port x PHY Special Modes Register
(PHY_SPECIAL_MODES_x)
Refer to the respective register definition sections for
additional information.
AUTO_NEG_2
speed_strap_2
Port 2 Speed Select Strap: Configures the default value
for the Speed Select LSB (PHY_SPEED_SEL_LSB) bit in
the PHY_BASIC_CTRL_2 register (See Section 13.2.2.1).
When configured low, 10 Mbps is selected. When
configured high, 100 Mbps is selected.
This strap also affects the default value of the following bits:
PHY_SPEED_SEL_LSB bit of the Port x PHY Basic
Control Register (PHY_BASIC_CONTROL_x)
10BASE-T Full Duplex (bit 6) and 10BASE-T Half Duplex
(bit 5) bits of the Port x PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x)
MODE[2:0] bits of the Port x PHY Special Modes Register
(PHY_SPECIAL_MODES_x)
Refer to the respective register definition sections for
additional information.
SPEED_2
duplex_strap_2
Port 2 Duplex Select Strap: Configures the default value
for the Duplex Mode (PHY_DUPLEX) bit in the
PHY_BASIC_CTRL_2 register (See Section 13.2.2.1).
When configured low, half-duplex is selected. When
configured high, full-duplex is selected.
This strap also affects the default value of the following bits:
PHY_DUPLEX bit of the Port x PHY Basic Control
Register (PHY_BASIC_CONTROL_x)
10BASE-T Full Duplex (bit 6) of the Port x PHY Auto-
Negotiation Advertisement Register (PHY_AN_ADV_x)
MODE[2:0] bits of the Port x PHY Special Modes Register
(PHY_SPECIAL_MODES_x)
Refer to the respective register definition sections for
additional information.
DUPLEX_2
Table 4.2 Soft-Strap Configuration Strap Definitions (continued)
STRAP NAME
DESCRIPTION
PIN / DEFAULT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com