Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 87 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 87 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 83Page - SMSC Corporation LAN9313 Datasheet HTML 84Page - SMSC Corporation LAN9313 Datasheet HTML 85Page - SMSC Corporation LAN9313 Datasheet HTML 86Page - SMSC Corporation LAN9313 Datasheet HTML 87Page - SMSC Corporation LAN9313 Datasheet HTML 88Page - SMSC Corporation LAN9313 Datasheet HTML 89Page - SMSC Corporation LAN9313 Datasheet HTML 90Page - SMSC Corporation LAN9313 Datasheet HTML 91Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
87
Revision 1.2 (04-08-08)
DATASHEET
Table 7.2 4B/5B Code Table
CODE
GROUP
SYM
RECEIVER
INTERPRETATION
TRANSMITTER
INTERPRETATION
11110
0
0
0000
DATA
0
0000
DATA
01001
1
1
0001
1
0001
10100
2
2
0010
2
0010
10101
3
3
0011
3
0011
01010
4
4
0100
4
0100
01011
5
5
0101
5
0101
01110
6
6
0110
6
0110
01111
7
7
0111
7
0111
10010
8
8
1000
8
1000
10011
9
9
1001
9
1001
10110
A
A
1010
A
1010
10111
B
B
1011
B
1011
11010
C
C
1100
C
1100
11011
D
D
1101
D
1101
11100
E
E
1110
E
1110
11101
F
F
1111
F
1111
11111
/I/
IDLE
Sent after /T/R/ until the MII Transmitter
Enable signal (TXEN) is received
11000
/J/
First nibble of SSD, translated to “0101”
following IDLE, else MII Receive Error
(RXER)
Sent for rising MII Transmitter Enable
signal (TXEN)
10001
/K/
Second nibble of SSD, translated to
“0101” following J, else MII Receive
Error (RXER)
Sent for rising MII Transmitter Enable
signal (TXEN)
01101
/T/
First nibble of ESD, causes de-assertion
of CRS if followed by /R/, else assertion
of MII Receive Error (RXER)
Sent for falling MII Transmitter Enable
signal (TXEN)
00111
/R/
Second nibble of ESD, causes de-
assertion of CRS if following /T/, else
assertion of MII Receive Error (RXER)
Sent for falling MII Transmitter Enable
signal (TXEN)
00100
/H/
Transmit Error Symbol
Sent for rising MII Transmit Error (TXER)
00110
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
11001
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
00000
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
00001
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com