Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 62 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 58Page - SMSC Corporation LAN9313 Datasheet HTML 59Page - SMSC Corporation LAN9313 Datasheet HTML 60Page - SMSC Corporation LAN9313 Datasheet HTML 61Page - SMSC Corporation LAN9313 Datasheet HTML 62Page - SMSC Corporation LAN9313 Datasheet HTML 63Page - SMSC Corporation LAN9313 Datasheet HTML 64Page - SMSC Corporation LAN9313 Datasheet HTML 65Page - SMSC Corporation LAN9313 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
62
SMSC LAN9313/LAN9313i
DATASHEET
Per Table 6.1, the following cases are possible:
Case 1 - Auto-negotiation is still in progress. Since the result is not yet established, flow control is
disabled.
Case 2 - Auto-negotiation is enabled and unsuccessful (link partner not Auto-negotiation capable).
The link partner ability is undefined, effectively a don’t-care value, in this case. The duplex setting
will default to half-duplex in this case. Flow control is determined by the BP_EN_x bit.
Case 3 - Auto-negotiation is enabled and successful with half-duplex as a result. The link partner
ability is undefined since it only applies to full-duplex operation. Flow control is determined by the
BP_EN_x bit.
Cases 4-11 -Auto-negotiation is enabled and successful with full-duplex as the result. In these
cases, the advertisement registers and the link partner ability controls the RX and TX enables.
These cases match IEEE 802.3 Annex 28B.3.
Cases 4,5,6,8,10 - No flow control enabled
Case 7 - Asymmetric pause towards partner (away from switch port)
Case 9 - Symmetric pause
Case 11 - Asymmetric pause from partner (towards switch port)
6.3
10/100 Ethernet MACs
The switch fabric contains three 10/100 MAC blocks, one for each switch port (0,1,2). The 10/100 MAC
provides the basic 10/100 Ethernet functionality, including transmission deferral and collision back-
off/retry, receive/transmit FCS checking and generation, receive/transmit pause flow control, and
transmit back pressure. The 10/100 MAC also includes RX and TX FIFOs and per port statistic
counters.
6.3.1
Receive MAC
The receive MAC (IEEE 802.3) sublayer decomposes Ethernet packets acquired via the internal MII
interface by stripping off the preamble sequence and Start of Frame Delimiter (SFD). The receive MAC
checks the FCS, the MAC Control Type, and the byte count against the drop conditions. The packet
is stored in the RX FIFO as it is received.
The receive MAC determines the validity of each received packet by checking the Type field, FCS, and
oversize or undersize conditions. All bad packets will be either immediately dropped or marked (at the
end) as bad packets.
Oversized packets are normally truncated at 1519 or 1523 (VLAN tagged) octets and marked as
erroneous. The MAC can be configured to accept packets up to 2048 octets (inclusive), in which case
the oversize packets are truncated at 2048 bytes and marked as erroneous.
Undersized packets are defined as packets with a length less than the minimum packet size. The
minimum packet size is defined to be 64 bytes, exclusive of preamble sequence and SFD.
The FCS and length/type fields of the frame is checked to detect if the packet has a valid MAC control
frame. When the MAC receives a MAC control frame with a valid FCS and determines the operation
code is a pause command (Flow Control frame), the MAC will load its internal pause counter with the
Number_of_Slots variable from the MAC control frame just received. Anytime the internal pause
counter is zero, the transmit MAC will be allowed to transmit (XON). If the internal pause counter is
not zero, the receive MAC will not allow the transmit MAC to transmit (XOFF). When the transmit MAC
detects an XOFF condition it will continue to transmit the current packet, terminating transmission after
the current packet has been transmitted until receiving the XON condition from the receive MAC. The
pause counter will begin to decrement at then end of the current transmission, or immediately if no
transmission is underway. If another pause command is received while the transmitter is already in
pause, the new pause time indicated by the Flow Control packet will be loaded into the pause counter.
The pause function is enabled by either Auto-negotiation, or manually as discussed in Section 6.2.3,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com